Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7942 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7942
Description  14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7942 Datasheet HTML 16Page - Analog Devices AD7942 Datasheet HTML 17Page - Analog Devices AD7942 Datasheet HTML 18Page - Analog Devices AD7942 Datasheet HTML 19Page - Analog Devices AD7942 Datasheet HTML 20Page - Analog Devices AD7942 Datasheet HTML 21Page - Analog Devices AD7942 Datasheet HTML 22Page - Analog Devices AD7942 Datasheet HTML 23Page - Analog Devices AD7942 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD7942
Rev. B | Page 21 of 2
4
Chain Mode Without Busy Indicator
This mode can be used to daisy-chain multiple AD7942s on
a 3-wire serial interface. This feature is useful for reducing
component count and wiring connections, for example, in
isolated multiconverter applications or for systems with a
limited interfacing capacity. Data readback is analogous to
clocking a shift register. A connection diagram example using
two AD7942s is shown in Figure 38 and the corresponding
timing diagram is given in Figure 39.
When SDI and CNV are low, SDO is driven low. With SCK
low, a rising edge on CNV initiates a conversion, selects the
chain mode, and disables the busy indicator. In this mode, CNV
is held high during the conversion phase and the subsequent
data readback. When the conversion is complete, the MSB is
output onto SDO and the AD7942 enters the acquisition phase
and powers down. The remaining data bits stored in the inter-
nal shift register are then clocked by subsequent SCK falling
edges. For each ADC, SDI feeds the input of the internal shift
register and is clocked by the SCK falling edge. Each ADC in
the chain outputs its data MSB first and 14 × N clocks are
required to readback the N ADCs. The data is valid on both
SCK edges. Although the rising edge can be used to capture
the data, a digital host also using the SCK falling edge allows
a faster reading rate and consequently more AD7942s in the
chain, provided the digital host has an acceptable hold time.
The maximum conversion rate may be reduced due to the total
readback time. For instance, with a 5 ns digital host setup time
and 3 V interface, up to eight AD7942s running at a conversion
rate of 220 kSPS can be daisy-chained on a 3-wire port.
CNV
SCK
SDO
SDI
CLK
CONVERT
DATA IN
DIGITAL HOST
AD7942
B
CNV
SCK
SDO
SDI AD7942
A
Figure 38. Chain Mode Without Busy Indicator Connection Diagram
SDOA = SDIB
DA13
DA12
DA11
SCK
1
2
3
262728
tSSDISCK
tHSDISCK
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
CNV
DA1
12
13
tSCK
tSCKL
tSCKH
DA0
15
16
14
SDIA = 0
SDOB
DB13
DB12
DB11
DA1
DB1DB0DA13
DA12
tHSDO
tDSDO
tSSCKCNV
tHSCKCNV
DA0
Figure 39. Chain Mode Without Busy Indicator, Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com