Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7846AP Datasheet(PDF) 3 Page - Analog Devices

Part # AD7846AP
Description  LC2MOS 16-Bit Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846AP Datasheet(HTML) 3 Page - Analog Devices

  AD7846AP Datasheet HTML 1Page - Analog Devices AD7846AP Datasheet HTML 2Page - Analog Devices AD7846AP Datasheet HTML 3Page - Analog Devices AD7846AP Datasheet HTML 4Page - Analog Devices AD7846AP Datasheet HTML 5Page - Analog Devices AD7846AP Datasheet HTML 6Page - Analog Devices AD7846AP Datasheet HTML 7Page - Analog Devices AD7846AP Datasheet HTML 8Page - Analog Devices AD7846AP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD7846
Rev. G | Page 3 of 24
SPECIFICATIONS
VDD = +14.25 V to +15.75 V; VSS = −14.25 V to –15.75 V; VCC = +4.75 V to +5.25 V. VOUT loaded with 2 kΩ, 1000 pF to 0 V; VREF+ = +5 V;
RIN connected to 0 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter1
J, A Versions
K, B Versions
Unit
Test Conditions/Comments
RESOLUTION
16
16
Bits
UNIPOLAR OUTPUT
VREF− = 0 V, VOUT = 0 V to +10 V
Relative Accuracy at +25°C
±12
±4
LSB typ
1 LSB = 153 μV
TMIN to TMAX
±16
±8
LSB max
Differential Nonlinearity Error
±1
±0.5
LSB max
All grades guaranteed monotonic
Gain Error at +25°C
±12
±6
LSB typ
VOUT load = 10 MΩ
TMIN to TMAX
±16
±16
LSB max
Offset Error at +25°C
±12
±6
LSB typ
TMIN to TMAX
±16
±16
LSB max
Gain TC2
±1
±1
ppm FSR/°C typ
Offset TC2
±1
±1
ppm FSR/°C typ
BIPOLAR OUTPUT
VREF− = –5 V, VOUT = −10 V to +10 V
Relative Accuracy at +25°C
±6
±2
LSB typ
1 LSB = 305 μV
TMIN to TMAX
±8
±4
LSB max
Differential Nonlinearity Error
±1
±0.5
LSB max
All grades guaranteed monotonic
Gain Error at +25°C
±6
±4
LSB typ
VOUT load = 10 MΩ
TMIN to TMAX
±16
±16
LSB max
Offset Error at +25°C
±6
±4
LSB typ
VOUT load = 10 MΩ
TMIN to TMAX
±16
±12
LSB max
Bipolar Zero Error at +25°C
±6
±4
LSB typ
TMIN to TMAX
±12
±8
LSB max
Gain TC2
±1
±1
ppm FSR/°Ctyp
Offset TC2
±1
±1
ppm FSR/°Ctyp
Bipolar Zero TC2
±1
±1
ppm FSR/°Ctyp
REFERENCE INPUT
Input Resistance
20
20
kΩ min
Resistance from VREF+ to VREF−
40
40
kΩ max
Typically 30 kΩ
VREF+ Range
VSS + 6 to
VSS + 6 to
V min to
VDD − 6
VDD − 6
V max
VREF− Range
VSS + 6 to
VSS + 6 to
V min to
VDD − 6
VDD − 6
V max
OUTPUT CHARACTERISTICS
Output Voltage Swing
VSS + 4 to
VSS + 4 to
V max
VDD − 3
VDD − 3
Resistive Load
2
2
kΩ min
To 0 V
Capacitive Load
1000
1000
pF max
To 0 V
Output Resistance
0.3
0.3
Ω typ
Short Circuit Current
±25
±25
mA typ
To 0 V or any power supply
DIGITAL INPUTS
VIH (Input High Voltage)
2.4
2.4
V min
VIL (Input Low Voltage)
0.8
0.8
V max
IIN (Input Current)
±10
±10
μA max
CIN (Input Capacitance)2
10
10
pF max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com