Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7846 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7846
Description  LC2MOS 16-Bit Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7846 Datasheet HTML 9Page - Analog Devices AD7846 Datasheet HTML 10Page - Analog Devices AD7846 Datasheet HTML 11Page - Analog Devices AD7846 Datasheet HTML 12Page - Analog Devices AD7846 Datasheet HTML 13Page - Analog Devices AD7846 Datasheet HTML 14Page - Analog Devices AD7846 Datasheet HTML 15Page - Analog Devices AD7846 Datasheet HTML 16Page - Analog Devices AD7846 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD7846
Rev. G | Page 13 of 24
UNIPOLAR BINARY OPERATION
Figure 23 shows the AD7846 in the unipolar binary circuit
configuration. The DAC is driven by the AD586 +5 V reference.
Because RIN is tied to 0 V, the output amplifier has a gain of 2
and the output range is 0 V to +10 V. If a 0 V to +5 V range is
required, RIN should be tied to VOUT, configuring the output
stage for a gain of 1. Table 8 gives the code table for the circuit
of Figure 23.
RIN
VOUT
DGND
+15V
+5V
VCC
VDD
VREF+
VREF–
R1
10kΩ
C1
1µF
SIGNAL
GROUND
–15V
*ADDITIONAL PINS
OMITTED FOR CLARITY
AD7846*
AD586
VOUT
(0V TO +10V)
VSS
2
5
4
67
21
5
20
6
4
8
8
Figure 23. Unipolar Binary Operation
Table 8. Code Table for Figure 23
Binary Number in DAC Latch
MSB
LSB1
Analog Output (VOUT)
1111 1111 1111 1111
+10 (65,535/65,536) V
1000 0000 0000 0000
+10 (32,768/65,536) V
0000 0000 0000 0001
+10 (1/65,536) V
0000 0000 0000 0000
0 V
1 LSB = 10 V/216 = 10 V/65,536 = 152 μV.
Offset and gain can be adjusted in Figure 23 as follows:
•
To adjust offset, disconnect the VREF− input from 0 V, load
the DAC with all 0s, and adjust the VREF− voltage until VOUT
= 0 V.
•
For gain adjustment, the AD7846 should be loaded with all
1s and R1 adjusted until VOUT = 10 (65,535)/(65,536) =
9.999847 V. If a simple resistor divider is used to vary the
VREF− voltage, it is important that the temperature
coefficients of these resistors match that of the DAC input
resistance (−300 ppm/°C). Otherwise, extra offset errors are
introduced over temperature. Many circuits do not require
these offset and gain adjustments. In these circuits, R1 can
be omitted. Pin 5 of the AD586 can be left open circuit and
Pin 8 (VREF−) of the AD7846 tied to 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com