Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACPZ-R2 Datasheet(PDF) 40 Page - Analog Devices

Part # AD8332ACPZ-R2
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACPZ-R2 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD8332ACPZ-R2 Datasheet HTML 36Page - Analog Devices AD8332ACPZ-R2 Datasheet HTML 37Page - Analog Devices AD8332ACPZ-R2 Datasheet HTML 38Page - Analog Devices AD8332ACPZ-R2 Datasheet HTML 39Page - Analog Devices AD8332ACPZ-R2 Datasheet HTML 40Page - Analog Devices AD8332ACPZ-R2 Datasheet HTML 41Page - Analog Devices AD8332ACPZ-R2 Datasheet HTML 42Page - Analog Devices AD8332ACPZ-R2 Datasheet HTML 43Page - Analog Devices AD8332ACPZ-R2 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 40 of 56
AD8331 EVALUATION BOARD SCHEMATICS
MODE
VIP
GAIN
VIN
LOP
COML
LMD2
LON
VPS
INH
VOH
VOL
COMM
COMM
ENBV
VPOS
CLMP
HILO
VCM
C2
C1
R4
R8
LNA2
+5V
LO
+5V
+5V
GN_SLOPE
W5
W6
GND
GND2
GND1
DUT
AD8331ARQ
GND4
GND3
+
1
2
3
4
5
6
7
8
9
10
20
18
17
16
15
14
13
12
11
C3
10µF
10V
L1
120nH FB
CINH
0.1µF
CLMD
0.1µF
L2
120nH FB
CSH
22pF
C6
0.1µF
LON
LOP
C16
0.1µF
C14
0.1µF
GAIN
C34
1nF
COMPONENTS IN GRAY ARE
OPTIONAL AND USER SUPPLIED.
L4
120nH FB
VO
VOH
T1
1:1
R16
237Ω
R20
237Ω
C24
0.1µF
C26
0.1µF
R43
100Ω
R44
100Ω
L3
120nH FB
C17
0.1µF
C32
0.1µF
C18
0.1µF
ENB
LNA_EN
19
GN_HI_LO
+5V
+5V
VGA_EN
INPUT
CLAMP
DIODES
3D1
BAT64-04
CFB
0.018µF
RFB
274µF
RCLMP
VCM
L5
120nH FB
PROBE
RCLMP
ENABLE
DISABLE
ENABLE
DISABLE
HI
LO
DOWN
UP
Figure 96. Schematic of the AD8331 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com