Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP170AUJZ-1.5-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP170AUJZ-1.5-R7
Description  300 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP170AUJZ-1.5-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP170AUJZ-1.5-R7 Datasheet HTML 3Page - Analog Devices ADP170AUJZ-1.5-R7 Datasheet HTML 4Page - Analog Devices ADP170AUJZ-1.5-R7 Datasheet HTML 5Page - Analog Devices ADP170AUJZ-1.5-R7 Datasheet HTML 6Page - Analog Devices ADP170AUJZ-1.5-R7 Datasheet HTML 7Page - Analog Devices ADP170AUJZ-1.5-R7 Datasheet HTML 8Page - Analog Devices ADP170AUJZ-1.5-R7 Datasheet HTML 9Page - Analog Devices ADP170AUJZ-1.5-R7 Datasheet HTML 10Page - Analog Devices ADP170AUJZ-1.5-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADP170/ADP171
Rev. B | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6 V, VOUT = 1.8 V, IOUT = 10 mA, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted.
–40
JUNCTION TEMPERATURE (°C)
–5
25
85
125
1.770
1.775
1.780
1.785
1.790
1.795
1.800
1.805
1.810
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 300mA
Figure 5. Output Voltage vs. Junction Temperature
0.1
0.01
1k
LOAD CURRENT (mA)
1
10
100
1.798
1.799
1.800
1.801
1.802
1.803
1.804
Figure 6. Output Voltage vs. Load Current
VIN (V)
2.3
2.1
2.5
2.7
2.9
3.1
3.3
3.5
1.798
1.799
1.800
1.801
1.802
1.803
1.804
1.805
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 300mA
Figure 7. Output Voltage vs. Input Voltage
–40
JUNCTION TEMPERATURE (°C)
–5
25
85
125
0
20
40
60
80
100
120
140
160
180
200
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 1mA
ILOAD = 100mA
ILOAD = 300mA
Figure 8. Ground Current vs. Junction Temperature
0.01
1k
LOAD CURRENT (mA)
0.1
1
10
100
0
20
40
60
80
100
120
160
140
180
Figure 9. Ground Current vs. Load Current
VIN (V)
2.3
2.1
2.5
2.7
2.9
3.1
3.3
3.5
0
40
20
60
80
100
120
160
140
180
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 300mA
Figure 10. Ground Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com