Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP170AUJZ-2.5-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP170AUJZ-2.5-R7
Description  300 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP170AUJZ-2.5-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP170AUJZ-2.5-R7 Datasheet HTML 9Page - Analog Devices ADP170AUJZ-2.5-R7 Datasheet HTML 10Page - Analog Devices ADP170AUJZ-2.5-R7 Datasheet HTML 11Page - Analog Devices ADP170AUJZ-2.5-R7 Datasheet HTML 12Page - Analog Devices ADP170AUJZ-2.5-R7 Datasheet HTML 13Page - Analog Devices ADP170AUJZ-2.5-R7 Datasheet HTML 14Page - Analog Devices ADP170AUJZ-2.5-R7 Datasheet HTML 15Page - Analog Devices ADP170AUJZ-2.5-R7 Datasheet HTML 16Page - Analog Devices ADP170AUJZ-2.5-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADP170/ADP171
Rev. B | Page 13 of 20
In this example, the worst-case temperature coefficient
(TEMPCO) over −40°C to +85°C is assumed to be 15% for an
X5R dielectric. The tolerance of the capacitor (TOL) is assumed
to be 10%, and CBIAS is 0.94 μF at 1.8 V, as shown in Figure 29.
Substituting these values in Equation 1 yields
CEFF = 0.94 μF × (1 − 0.15) × (1 − 0.1) = 0.719 μF
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over temper-
ature and tolerance at the chosen output voltage.
To guarantee the performance of the ADP170/ADP171, it is
imperative that the effects of dc bias, temperature, and toler-
ances on the behavior of the capacitors are evaluated for each
application.
UNDERVOLTAGE LOCKOUT
The ADP170/ADP171 have an internal undervoltage lockout
circuit that disables all inputs and the output when the input
voltage is less than approximately 1.2 V. This ensures that the
ADP170/ADP171 inputs and the output behave in a predictable
manner during power-up.
ENABLE FEATURE
The ADP170/ADP171 use the EN pin to enable and disable the
VOUT pin under normal operating conditions. As shown in
Figure 30, when a rising voltage on EN crosses the active
threshold, VOUT turns on. When a falling voltage on EN
crosses the inactive threshold, VOUT turns off.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VEN
Figure 30. ADP170/ADP171 Typical EN Pin Operation
As shown in Figure 30, the EN pin has hysteresis built in. This
prevents on/off oscillations that can occur due to noise on the
EN pin as it passes through the threshold points.
The EN pin active/inactive thresholds are derived from the VIN
voltage. Therefore, these thresholds vary with changing input
voltage. Figure 31 shows typical EN active/inactive thresholds
when the input voltage varies from 1.6 V to 3.6 V.
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VIN (V)
EN ACTIVE
EN INACTIVE
Figure 31. Typical EN Pin Thresholds vs. Input Voltage
The ADP170/ADP171 utilize an internal soft start to limit the
inrush current when the output is enabled. The start-up time
for the 1.8 V option is approximately 120 μs from the time the
EN active threshold is crossed to when the output reaches 90%
of its final value. As shown in Figure 32, the start-up time is
dependent on the output voltage setting.
CH1 1.00V
CH2 1.00V
B
W
M20.0µs
A CH1
2.72V
1
2
T
79.8000µs
VOUT = 0.8V
VOUT = 1.8V
VOUT = 3.0V
EN
Figure 32. Typical Start-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com