Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP170AUJZ-2.8-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP170AUJZ-2.8-R7
Description  300 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP170AUJZ-2.8-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP170AUJZ-2.8-R7 Datasheet HTML 11Page - Analog Devices ADP170AUJZ-2.8-R7 Datasheet HTML 12Page - Analog Devices ADP170AUJZ-2.8-R7 Datasheet HTML 13Page - Analog Devices ADP170AUJZ-2.8-R7 Datasheet HTML 14Page - Analog Devices ADP170AUJZ-2.8-R7 Datasheet HTML 15Page - Analog Devices ADP170AUJZ-2.8-R7 Datasheet HTML 16Page - Analog Devices ADP170AUJZ-2.8-R7 Datasheet HTML 17Page - Analog Devices ADP170AUJZ-2.8-R7 Datasheet HTML 18Page - Analog Devices ADP170AUJZ-2.8-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADP170/ADP171
Rev. B | Page 15 of 20
140
120
100
80
60
40
20
0
VIN – VOUT (V)
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 25mA
ILOAD = 100mA
ILOAD = 150mA
ILOAD = 300mA
TJ MAX
0.5
1.0
1.5
2.0
2.5
3.0
Figure 35. 0 mm2 of PCB Copper, TA = 25°C
140
120
100
80
60
40
20
0
VOUT – VIN (V)
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 25mA
ILOAD = 100mA
ILOAD = 150mA
ILOAD = 300mA
TJ MAX
0.5
1.0
1.5
2.0
2.5
3.0
Figure 36. 500 mm2 of PCB Copper, TA = 50°C
140
120
100
80
60
40
20
0
VOUT – VIN (V)
ILOAD = 1mA
ILOAD = 25mA
ILOAD = 100mA
ILOAD = 150mA
ILOAD = 300mA
TJ MAX
ILOAD = 10mA
0.5
1.0
1.5
2.0
2.5
3.0
Figure 37. 100 mm2 of PCB Copper, TA = 50°C
140
120
100
80
60
40
20
0
VOUT – VIN (V)
ILOAD = 1mA
ILOAD = 25mA
ILOAD = 100mA
ILOAD = 150mA
ILOAD = 300mA
TJ MAX
ILOAD = 10mA
0.5
1.0
1.5
2.0
2.5
3.0
Figure 38. 0 mm2 of PCB Copper, TA = 50°C
In cases where board temperature is known, use the thermal
characterization parameter, ΨJB, to estimate the junction tem-
perature rise (see Figure 39). Maximum junction temperature
(TJ) is calculated from the board temperature (TB) and power
dissipation (PD) using the following formula:
TJ = TB + (PD × ΨJB)
(5)
The typical value of ΨJB is 42.8°C/W for the 5-lead TSOT package.
140
120
100
80
60
40
20
0
VIN – VOUT (V)
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 150mA
ILOAD = 250mA
ILOAD = 300mA
TJ MAX
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Figure 39. TSOT, TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com