Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3335ACPZ-5-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3335ACPZ-5-R7
Description  High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3335ACPZ-5-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3335ACPZ-5-R7 Datasheet HTML 2Page - Analog Devices ADP3335ACPZ-5-R7 Datasheet HTML 3Page - Analog Devices ADP3335ACPZ-5-R7 Datasheet HTML 4Page - Analog Devices ADP3335ACPZ-5-R7 Datasheet HTML 5Page - Analog Devices ADP3335ACPZ-5-R7 Datasheet HTML 6Page - Analog Devices ADP3335ACPZ-5-R7 Datasheet HTML 7Page - Analog Devices ADP3335ACPZ-5-R7 Datasheet HTML 8Page - Analog Devices ADP3335ACPZ-5-R7 Datasheet HTML 9Page - Analog Devices ADP3335ACPZ-5-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP3335
Data Sheet
Rev. C | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
VOUT = 2.2V
IL = 0
150mA
300mA
500mA
2.202
2.201
2.200
2.199
2.198
2.197
2.196
2.195
2.194
INPUT VOLTAGE (V)
2
4
6
8
10
12
Figure 5. Line Regulation Output Voltage vs. Supply Voltage
VOUT = 2.2V
VIN = 6V
2.201
2.200
2.199
2.198
2.197
2.196
2.195
2.194
2.193
LOAD CURRENT (mA)
0
100
200
300
400
500
Figure 6. Output Voltage vs. Load Current
140
120
100
80
60
40
20
0
INPUT VOLTAGE (V)
2
4
6
8
10
12
VOUT = 2.2V
IL = 0
IL = 100µA
0
Figure 7. Ground Current vs. Supply Voltage
5.0
4.0
3.0
2.0
1.0
0
LOAD CURRENT (mA)
0
100
200
300
400
500
Figure 8. Ground Current vs. Load Current
–0.4
JUNCTION TEMPERATURE (
°C)
–40
45
65
85
105
125
–0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
1.0
–15
5
25
500mA
500mA
300mA
0
Figure 9. Output Voltage Variation vs. Junction Temperature
JUNCTION TEMPERATURE (°C)
–40
45
65
85
105
125
1
2
3
4
5
6
7
0
8
–15
5
25
300mA
50mA
IL = 500mA
0
100mA
Figure 10. Ground Current vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com