Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR5041 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR5041
Description  Precision Micropower Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR5041 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR5041 Datasheet HTML 5Page - Analog Devices ADR5041 Datasheet HTML 6Page - Analog Devices ADR5041 Datasheet HTML 7Page - Analog Devices ADR5041 Datasheet HTML 8Page - Analog Devices ADR5041 Datasheet HTML 9Page - Analog Devices ADR5041 Datasheet HTML 10Page - Analog Devices ADR5041 Datasheet HTML 11Page - Analog Devices ADR5041 Datasheet HTML 12Page - Analog Devices ADR5041 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADR5040/ADR5041/ADR5043/ADR5044/ADR5045
Rev. B | Page 9 of 16
10k
0.1
100
1k
10k
100k
1M
FREQUENCY (Hz)
1
10
100
1k
C = 0µF
C = 1µF
IIN = 150µA
IIN = 1mA
Figure 14. ADR5041 Output Impedance vs. Frequency
10k
1k
1
10
100
1k
10k
FREQUENCY (Hz)
Figure 15. ADR5041 Voltage Noise Density
100
90
80
70
60
50
40
30
20
10
0
0
1
2
3
4
5
6
REVERSE VOLTAGE (V)
2.048V
2.5V
3V
4.096V
5V
Figure 16. ADR504x Reverse Characteristics and Minimum Operating Current
10k
0.1
100
1k
10k
100k
1M
FREQUENCY (Hz)
1
10
100
1k
C = 0µF
C = 1µF
IIN = 150µA
IIN = 1mA
Figure 17. ADR5045 Output Impedance vs. Frequency
10k
1k
1
10
100
1k
10k
FREQUENCY (Hz)
Figure 18. ADR5045 Voltage Noise Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com