Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5764ASUZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD5764ASUZ
Description  Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764ASUZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5764ASUZ Datasheet HTML 12Page - Analog Devices AD5764ASUZ Datasheet HTML 13Page - Analog Devices AD5764ASUZ Datasheet HTML 14Page - Analog Devices AD5764ASUZ Datasheet HTML 15Page - Analog Devices AD5764ASUZ Datasheet HTML 16Page - Analog Devices AD5764ASUZ Datasheet HTML 17Page - Analog Devices AD5764ASUZ Datasheet HTML 18Page - Analog Devices AD5764ASUZ Datasheet HTML 19Page - Analog Devices AD5764ASUZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD5764
Data Sheet
Rev. F | Page 16 of 28
CH4 50.0µV
M1.00s
CH4
26µV
4
AVDD/AVSS = ±15V
MIDSCALE LOADED
VREFIN = 0V
50µV/DIV
10
9
8
7
6
5
4
3
2
1
0
01
100
80
60
40
20
RISCC (kΩ)
20
AVDD/AVSS = ±15V
TA = 25°C
VREFIN = 5V
Figure 31. Short-Circuit Current vs. RISCC
Figure 29. Peak-to-Peak Noise (100 kHz Bandwidth)
CH1 10.0V BW
CH3 10.0mV BW
T 29.60%
CH2 10.0V
M100µs A CH1
7.80mV
1
2
3
AVDD/AVSS = ±12V
VREFIN = 5V
TA = 25°C
RAMP TIME = 100µs
LOAD = 200pF||10kΩ
T
Figure 30. VOUT vs. AVDD/AVSS on Power-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com