Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3339AKCZ-1.8-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3339AKCZ-1.8-R7
Description  High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3339AKCZ-1.8-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP3339AKCZ-1.8-R7 Datasheet HTML 1Page - Analog Devices ADP3339AKCZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP3339AKCZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP3339AKCZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP3339AKCZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP3339AKCZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP3339AKCZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP3339AKCZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP3339AKCZ-1.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
High Accuracy, Ultralow IQ, 1.5 A,
anyCAP Low Dropout Regulator
Data Sheet
ADP3339
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2001–2011 Analog Devices, Inc. All rights reserved.
FEATURES
High accuracy over line and load: ±0.9% at 25°C,
±1.5% over temperature
Ultralow dropout voltage: 230 mV (typical) at 1.5 A
Requires only COUT = 1.0 μF for stability
anyCAP = stable with any type of capacitor (including MLCC)
Current and thermal limiting
Low noise
2.8 V to 6 V input voltage range
−40°C to +85°C ambient temperature range
SOT-223 package
APPLICATIONS
Notebooks, palmtop computers
SCSI terminators
Battery-powered systems
PCMCIA regulators
Bar code scanners
Camcorders, cameras
FUNCTIONAL BLOCK DIAGRAM
THERMAL
PROTECTION
CC
IN
ADP3339
OUT
R1
R2
GND
Q1
BANDGAP
REF
DRIVER
gm
Figure 1.
VIN
OUT
ADP3339
1
μF
1
μF
VOUT
GND
IN
Figure 2. Typical Application Circuit
GENERAL DESCRIPTION
The ADP3339 is a member of the ADP33xx family of precision,
low dropout, anyCAP® voltage regulators. The ADP3339
operates with an input voltage range of 2.8 V to 6 V and delivers
a load current up to 1.5 A. The ADP3339 stands out from the
conventional LDOs with a novel architecture and an enhanced
process that enables it to offer performance advantages and
higher output current than its competition. Its patented design
requires only a 1.0 μF output capacitor for stability. This device
is insensitive to output capacitor equivalent series resistance
(ESR), and is stable with any good quality capacitor, including
ceramic (MLCC) types for space-restricted applications. The
ADP3339 achieves exceptional accuracy of ±0.9% at room
temperature and ±1.5% over temperature, line, and load
variations. The dropout voltage of the ADP3339 is only 230 mV
(typical) at 1.5 A. The device also includes a safety current limit
and thermal overload protection. The ADP3339 has ultralow
quiescent current: 130 μA (typical) in light load situations.


Similar Part No. - ADP3339AKCZ-1.8-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3339AKCZ-1.8-R7 AD-ADP3339AKCZ-1.8-R7 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-1.8-R7 AD-ADP3339AKCZ-1.8-R7 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-1.8-R7 AD-ADP3339AKCZ-1.8-R7 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-1.8-R7 AD-ADP3339AKCZ-1.8-R7 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout RegulatorHigh
REV. C
ADP3339AKCZ-1.8-R7 AD-ADP3339AKCZ-1.8-R7 Datasheet
252Kb / 12P
High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
REV. C
More results

Similar Description - ADP3339AKCZ-1.8-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV.0
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV.0
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-2.5-RL7 AD-ADP3339AKC-2.5-RL7 Datasheet
345Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. A
ADP3339AKC-2.5 AD-ADP3339AKC-2.5 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-3.3 AD-ADP3339AKC-3.3 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-5-RL7 AD-ADP3339AKC-5-RL7 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout RegulatorHigh
REV. C
ADP3339 AD-ADP3339_15 Datasheet
252Kb / 12P
High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com