Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103CMM Datasheet(PDF) 1 Page - First Components International

Part # SD103CMM
Description  350 mA Surface Mounted Schottky Barrier Rectifiers Low Forward Voltage Drop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SD103CMM Datasheet(HTML) 1 Page - First Components International

  SD103CMM Datasheet HTML 1Page - First Components International SD103CMM Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
Negligible Reverse Recovery Time
Low Reverse Capacitance
Peak Repetitive Peak reverse voltage
Working Peak
DC Blocking
Voltage
VRRM
VRWM
VR
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Forward Continuous Current
IFM
350
mA
Repetitive Peak Forward Current @t≤1.0s
IFRM
1.
0
A
Power Dissipation
Pd
400
mW
Thermal Resistance Junction to Ambient
RθJA
250
℃
/W
Storage temperature
TSTG
-65~+1
75
℃
Electrical Ratings @TA=25
℃
Parameter
Symb
ol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
SD103A
MM
SD103B
MM
SD103C
MM
V (BR)R
40
30
20
V
IR=10µA
IR=10µA
IR=10µA
Forward voltage
VF
0.37
0.60
V
IF=20mA
IF=200mA
Reverse current
SD103A
MM
SD103B
MM
SD103C
MM
IRM
5.0
µA
VR=30V
VR=20V
VR=10V
Capacitance between terminals
CT
50
pF
VR=0V,f=1.0MHz
Reverse Recovery Time
trr
10
ns
IF=IR=50~200mA
Irr=0.1XIR,RL=100Ω
GLASS MINIMELF(DO-213AA)
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
℃
Parameter
Symbol
SD103A
MM
SD103B
MM
SD103C
MM
Unit
Mechanical Dimension
Description
JEDEC
DO-213AA


Similar Part No. - SD103CMM

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SD103CM3 GXELECTRONICS-SD103CM3 Datasheet
361Kb / 2P
Schottky Barrier Diode
More results

Similar Description - SD103CMM

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR1040VL PANJIT-MBR1040VL Datasheet
94Kb / 3P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
logo
Micro Commercial Compon...
MBR130LSF MCC-MBR130LSF Datasheet
339Kb / 3P
Low Forward Voltage Drop Schottky Barrier Diodes
logo
Frontier Electronics.
LS22A FRONTIER-LS22A Datasheet
174Kb / 2P
2A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MBR1040VL TAYCHIPST-MBR1040VL Datasheet
1Mb / 2P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
logo
Leshan Radio Company
LMSD103AT1G LRC-LMSD103AT1G Datasheet
122Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE Low Forward Voltage Drop
logo
First Components Intern...
BAT42W FCI-BAT42W Datasheet
201Kb / 2P
200 mA Surface Mounted Schottky Barrier Rectifiers Low Forward Voltage Drop
logo
Pan Jit International I...
MBR1040VL PANJIT-MBR1040VL_16 Datasheet
110Kb / 5P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
logo
First Components Intern...
BAT42WS FCI-BAT42WS Datasheet
200Kb / 2P
200 mA Surface Mounted Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
MBR130LSF MCC-MBR130LSF_12 Datasheet
356Kb / 3P
Low Forward Voltage Drop Schottky Barrier Diodes
MBR140LSF MCC-MBR140LSF Datasheet
331Kb / 2P
Low Forward Voltage Drop Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com