Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA6T10AY Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMA6T10AY
Description  Automotive 600 W Transil™ in SMA package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6T10AY Datasheet(HTML) 5 Page - STMicroelectronics

  SMA6T10AY Datasheet HTML 1Page - STMicroelectronics SMA6T10AY Datasheet HTML 2Page - STMicroelectronics SMA6T10AY Datasheet HTML 3Page - STMicroelectronics SMA6T10AY Datasheet HTML 4Page - STMicroelectronics SMA6T10AY Datasheet HTML 5Page - STMicroelectronics SMA6T10AY Datasheet HTML 6Page - STMicroelectronics SMA6T10AY Datasheet HTML 7Page - STMicroelectronics SMA6T10AY Datasheet HTML 8Page - STMicroelectronics SMA6T10AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SMA6TY
Characteristics
Doc ID 17869 Rev 3
5/11
Figure 6.
ISO 7637-2 pulse 1 response (VS = -100 V)
Figure 7.
ISO 7637-2 pulse 2a response (VS = 50 V)
10
-50
-0.5
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.5
2.0
-15
-10
-5
0
5
-0.5
0.0
0.5
1.0
1.5
2.5
2.0
Voltage
Current
SMA6T39AY
SMA6T39AY
SMA6T39CAY
SMA6T39CAY
Time(ms)
Time(ms)
Voltage
Current
Time(µs)
Time(µs)
10
0.0
50
40
30
20
0
-20
20
40
60
80
100
0.0
-20
20
40
60
80
100
0
4
-4
SMA6T39AY
SMA6T39CAY
SMA6T39AY
SMA6T39CAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com