Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA6T14AY Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMA6T14AY
Description  Automotive 600 W Transil™ in SMA package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6T14AY Datasheet(HTML) 4 Page - STMicroelectronics

  SMA6T14AY Datasheet HTML 1Page - STMicroelectronics SMA6T14AY Datasheet HTML 2Page - STMicroelectronics SMA6T14AY Datasheet HTML 3Page - STMicroelectronics SMA6T14AY Datasheet HTML 4Page - STMicroelectronics SMA6T14AY Datasheet HTML 5Page - STMicroelectronics SMA6T14AY Datasheet HTML 6Page - STMicroelectronics SMA6T14AY Datasheet HTML 7Page - STMicroelectronics SMA6T14AY Datasheet HTML 8Page - STMicroelectronics SMA6T14AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
SMA6TY
4/11
Doc ID 17869 Rev 3
Figure 5.
Clamping voltage versus peak pulse current exponential waveform (maximum values)
Figure 3.
Relative variation of peak power
versus initial junction temperature
Figure 4.
Peak pulse power versus
exponential pulse duration
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
175
%
T (°C)
j
10/1000 µs
P
PP(kW)
0.1
1.0
10.0
0.01
0.10
1.00
10.00
Tj initial = 25 °C
tP(ms)
0.1
1.0
10.0
100.0
1000.0
1
10
100
1000
I
PP(A)
10/1000 µs
Tj initial=25 °C
8/20 µs
V CL(V)
V CL(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com