Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2052H Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA2052H
Description  60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2052H Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA2052H Datasheet HTML 6Page - STMicroelectronics TDA2052H Datasheet HTML 7Page - STMicroelectronics TDA2052H Datasheet HTML 8Page - STMicroelectronics TDA2052H Datasheet HTML 9Page - STMicroelectronics TDA2052H Datasheet HTML 10Page - STMicroelectronics TDA2052H Datasheet HTML 11Page - STMicroelectronics TDA2052H Datasheet HTML 12Page - STMicroelectronics TDA2052H Datasheet HTML 13Page - STMicroelectronics TDA2052H Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Figure 18: Multiway Application Circuit
APPLICATION NOTES
90W MULTIWAY SPEAKER SYSTEM
The schematic diagram of figure 18, shows the
solution that we have closen as a suggestion for
Hi-Fi and especially TV applications.
The multiway system provides the separation of
the musical signal not only for the loudspeakers,
but also for the power amplifiers with the following
advantages:
- reduced power level required of each individ-
ual amplifier
- complete separation of the ways (if an ampli-
fier is affected by clipping distortion, the oth-
ers are not)
- protection of tweeters (the high power har-
monics generated by low frequency clipping
can not damage the delicate tweeters that are
driven by independent power amplifier)
- high power dedicated to low frequencies
TDA2052
10/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com