Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6T56AY Datasheet(PDF) 5 Page - STMicroelectronics

Part # SM6T56AY
Description  Automotive 600 W Transil?
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T56AY Datasheet(HTML) 5 Page - STMicroelectronics

  SM6T56AY Datasheet HTML 1Page - STMicroelectronics SM6T56AY Datasheet HTML 2Page - STMicroelectronics SM6T56AY Datasheet HTML 3Page - STMicroelectronics SM6T56AY Datasheet HTML 4Page - STMicroelectronics SM6T56AY Datasheet HTML 5Page - STMicroelectronics SM6T56AY Datasheet HTML 6Page - STMicroelectronics SM6T56AY Datasheet HTML 7Page - STMicroelectronics SM6T56AY Datasheet HTML 8Page - STMicroelectronics SM6T56AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SM6TY
Characteristics
Doc ID 17741 Rev 3
5/12
Figure 6.
ISO 7637-2 pulse 1 response (VS = -100 V)
Figure 7.
ISO 7637-2 pulse 2a response (VS = 50 V)
SM6T36AY
SM6T36CAY
Voltage (V)
Current (A)
Time (ms)
0.0
1.0
2.0
3.0
4.0
0
-10
-20
-30
-40
-50
0
-2
-4
-6
-8
-10
-12
10
SM6T36AY
SM6T36CAY
Voltage (V)
Current (A)
Time (µs)
0
20
30
40
506070
80
90
100
0
10
30
20
40
50
0
2
4
6
8
10
12
Note: Curves superimposed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com