Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN380 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN380
Description  SMART SOLENOID DRIVER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN380 Datasheet(HTML) 4 Page - STMicroelectronics

  VN380 Datasheet HTML 1Page - STMicroelectronics VN380 Datasheet HTML 2Page - STMicroelectronics VN380 Datasheet HTML 3Page - STMicroelectronics VN380 Datasheet HTML 4Page - STMicroelectronics VN380 Datasheet HTML 5Page - STMicroelectronics VN380 Datasheet HTML 6Page - STMicroelectronics VN380 Datasheet HTML 7Page - STMicroelectronics VN380 Datasheet HTML 8Page - STMicroelectronics VN380 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ELECTRICAL CHARACTERISTICS (continued)
PROTECTIONS AND DIAGNOSTICS
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
Ttsd
Thermal Shut-Down
Temperat ure
160
180
200
oC
Ilim
Current Cut Off Level
15
30
A
Vov
Over Volt age Threshold VinA = Vin B =5 V
27
V
Vdiag
St atus O utput Voltage
Diagnost ic O utput Act ive (low)
Idiag = 2 mA
0.5
V
Vd iag(CL)
St atus O utput Clamp
Voltage
Idiag = 10 mA
8
9.5
11
V
Td
St atus Propagation
Delay
Demagnet ization Mode
(F ast turn-of f)
Vdiag = 1 V (see figure 3)
70
µs
Vcl1
Switch S1 Detection
Clamp
Iload = In = 5 A
607080
V
Vcl2
Output Inductive
Clamp Volt age
Iload = In = 5 A
24
28. 5
33
V
Vfb
Flyback Diagnostic
Threshold
Demagnet ization Mode
(F ast turn-of f)
Vcl = Vcl1 or Vcl2
Vcl -5
Vcl
V
Iol
Oper Load Current
Level
5700
mA
TRUTH TABLE
Co ndi ti ons
I N A
I N B
S1
S2
Standby Modes
L
L
L
H
OF F
OF F
OF F
OF F
Excitation Mode
H
H
ON
OF F
Recirculation Mode
H
L
OF F
ON
Demagnetizat ion Mode
(Fast turn off)
Vpwr2 +Vcl2 <Vcl1
Vpwr2 +Vcl2 >Vcl1
L
L
L
L
OF F
ON
ON
OF F
T hermal Shut down
H
H
OF F
ON
Current Cut Off
H
H
OF F
ON
O pen Load
See Open Load W aveforms
O vervoltage
H
H
OF F
ON
VN380
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com