Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS12G Datasheet(PDF) 1 Page - First Components International

Part # SFS12G
Description  1.0Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SFS12G Datasheet(HTML) 1 Page - First Components International

  SFS12G Datasheet HTML 1Page - First Components International SFS12G Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SFS
1
1G
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
SFS
1
2G
SFS
1
3G
SFS
1
4G
SFS
1
5G
50
100
200
140
200
400
35
70
280
50
100
400
SFS
1
6G
600
420
600
1
.0
5.0
3
0
0.92
1.25
1.5
35
50
250
15
75
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
300
210
300
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TL=55
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 1.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
Features
¬
Low forward voltage drop
¬
Fast switching for high efficiency
¬
High current capability
¬
Case: Molded plastic SMA
¬
High surge current capability
¬
Weight: 0.093gram
¬
Polarity:Color band denotes cathode
method 2026
¬
Mounting position: Any
¬
Terminals: Solderable per MIL-STD-750
Mechanical Data
¬
Low reverse leakage current
R JA
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to lead.
¬
Epoxy: UL 94V-0 rate flame retardant
Data Sheet
Mechanical Dimensions
Description
1.0Amp Glass Passivated
SUPER FAST PLASTIC RECTIFIERS
SMA
.157(4.00)
.181(4.60)
.006(.152)
.012(.305)
.098(2.50)
.114(2.90)
.055(1.40)
.062(1.60)
.078(2.00)
.096(2.44)
.188(4.80)
.208(5.28)
.030(0.76)
.060(1.52)
.002(.051)
.008(.203)


Similar Part No. - SFS12G

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
SFS12000H-LF ZCOMM-SFS12000H-LF Datasheet
168Kb / 2P
Fixed Frequency Synthesizer Surface Mount Module
SFS1200C-LF ZCOMM-SFS1200C-LF Datasheet
76Kb / 2P
Fixed Frequency Synthesizer
SFS1200C-LF ZCOMM-SFS1200C-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer
SFS1200C-LF ZCOMM-SFS1200C-LF_11 Datasheet
77Kb / 2P
Fixed Frequency Synthesizer Surface Mount Module
SFS1250A-LF ZCOMM-SFS1250A-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer Surface Mount Module
More results

Similar Description - SFS12G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FR101G JGD-FR101G Datasheet
143Kb / 2P
1.0Amp Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
SFT11G TSC-SFT11G_12 Datasheet
190Kb / 2P
1.0AMP. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
UF4001 LUGUANG-UF4001 Datasheet
182Kb / 2P
1.0AMP. Glass Passivated High Efficient Plastic Rectifiers
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G_13 Datasheet
433Kb / 4P
1.0AMP. Glass Passivated Super Fast Rectifiers
SFT11G TSC-SFT11G_13 Datasheet
429Kb / 4P
1.0AMP. Glass Passivated Super Fast Rectifiers
logo
First Components Intern...
SFS21G FCI-SFS21G Datasheet
613Kb / 2P
2.0Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
logo
Taiwan Semiconductor Co...
FR101G TSC-FR101G_13 Datasheet
424Kb / 4P
1.0AMP Glass Passivated Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
1F1G CHONGQING-1F1G_16 Datasheet
178Kb / 1P
1.0AMP. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
FR101G CHONGQING-FR101G_16 Datasheet
177Kb / 1P
1.0AMP . GLASS PASSIVATED FAST RECOVERY RECTIFIERS
1A1G CHONGQING-1A1G_16 Datasheet
178Kb / 1P
1.0AMP . GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com