Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC340 Datasheet(PDF) 2 Page - First Components International

Part # SMC340
Description  3.0 Amp SCHOTTKY BARRIER RECTIFIERS Low Storaged Charge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SMC340 Datasheet(HTML) 2 Page - First Components International

  SMC340 Datasheet HTML 1Page - First Components International SMC340 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
3.0 Amp S C HOT T K Y
B AR R IE R R E C T IFIE R S
P a ge 2 of 2
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
SinglePhaseHalf
Wave, 60 Hz
Resistiveor
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Forward Current Derating Curve
Ambient Temperature (°°°°°C)
Typical Reverse Characteristics
Forward Current Derating Curve
Percent of Rated Peak Voltage
Average Power Dissipation
Average Forward Current (A)
Typical Junction Capacitance
Reverse Voltage (V)
Case Temperature (°°°°°C)
SMC320. . . 340
SMC350. . . 360
NOTES: 1. Measured @ 1 MHz and applied reverse voltage of 4.0V.
2. Measured with P ulse Width = 300 mS , 2% Duty C ycle.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com