Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331KDBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL331KDBVR
Description  SINGLE DIFFERENTIAL COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL331KDBVR Datasheet(HTML) 1 Page - Texas Instruments

  TL331KDBVR Datasheet HTML 1Page - Texas Instruments TL331KDBVR Datasheet HTML 2Page - Texas Instruments TL331KDBVR Datasheet HTML 3Page - Texas Instruments TL331KDBVR Datasheet HTML 4Page - Texas Instruments TL331KDBVR Datasheet HTML 5Page - Texas Instruments TL331KDBVR Datasheet HTML 6Page - Texas Instruments TL331KDBVR Datasheet HTML 7Page - Texas Instruments TL331KDBVR Datasheet HTML 8Page - Texas Instruments TL331KDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
FEATURES
DBV PACKAGE
(TOP VIEW)
1
2
3
5
4
IN−
VCC−/GND
IN+
VCC
OUT
DESCRIPTION/ORDERING INFORMATION
TL331
www.ti.com ......................................................................................................................................................... SLVS238F – AUGUST 1999 – REVISED JULY 2008
SINGLE DIFFERENTIAL COMPARATOR
• Single Supply or Dual Supplies
• Wide Range of Supply Voltage . . . 2 V to 36 V
• Low Supply-Current Drain Independent of
Supply Voltage . . . 0.4 mA Typ
• Low Input Bias Current . . . 25 nA Typ
• Low Input Offset Voltage . . . 2 mV Typ
• Common-Mode Input Voltage Range Includes
Ground
• Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage . . . ±36 V
• Low Output Saturation Voltage
• Output Compatible With TTL, MOS, and CMOS
This device consists of a single voltage comparator that is designed to operate from a single power supply over a
wide range of voltages. Operation from dual supplies also is possible if the difference between the two supplies
is 2 V to 36 V and VCC is at least 1.5 V more positive than the input common-mode voltage. Current drain is
independent of the supply voltage. The output can be connected to other open-collector outputs to achieve
wired-AND relationships.
ORDERING INFORMATION(1)
VIO(max)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
AT 25°C
Reel of 3000
TL331IDBVR
–40°C to 85°C
5 mV
SOT-23 – DBV
T1I_
Reel of 250
TL331IDBVT
Reel of 3000
TL331KDBVR
–40°C to 105°C
5 mV
SOT-23 – DBV
T1K_
Reel of 250
TL331KDBVT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
The actual top-side marking has one additional character that designates the wafer fab/assembly site.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL331KDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331KDBVR TI1-TL331KDBVR Datasheet
802Kb / 18P
Single Differential Comparator
TL331KDBVR TI1-TL331KDBVR Datasheet
995Kb / 21P
TL331B, TL391B and TL331 Single Comparators
TL331KDBVR TI2-TL331KDBVR Datasheet
1Mb / 27P
TL331B, TL391B and TL331 Single Comparators
REVISED NOVEMBER 2024
TL331KDBVR TI2-TL331KDBVR Datasheet
1Mb / 27P
TL331B, TL391B and TL331 Single Comparators
REVISED NOVEMBER 2024
TL331KDBVR.A TI2-TL331KDBVR.A Datasheet
1Mb / 27P
TL331B, TL391B and TL331 Single Comparators
REVISED NOVEMBER 2024
More results

Similar Description - TL331KDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331 TI-TL331 Datasheet
60Kb / 4P
SINGLE DIFFERENTIAL COMPARATOR
TL331 TI-TL331_06 Datasheet
161Kb / 6P
SINGLE DIFFERENTIAL COMPARATOR
logo
Diodes Incorporated
AP331A DIODES-AP331A Datasheet
275Kb / 13P
SINGLE DIFFERENTIAL COMPARATOR
AP331A Rev. 2
logo
Texas Instruments
TL331-Q1 TI1-TL331-Q1 Datasheet
355Kb / 10P
SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI1-TL331-EP_14 Datasheet
698Kb / 12P
SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI-TL331-EP_15 Datasheet
687Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
TL331-Q1 TI-TL331-Q1_15 Datasheet
687Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
TL331 TI1-TL331 Datasheet
802Kb / 18P
Single Differential Comparator
TL331-Q1 TI1-TL331-Q1_13 Datasheet
703Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI1-TL331-EP_16 Datasheet
702Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com