Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL972IPE4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL972IPE4
Description  OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL972IPE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL972IPE4 Datasheet HTML 3Page - Texas Instruments TL972IPE4 Datasheet HTML 4Page - Texas Instruments TL972IPE4 Datasheet HTML 5Page - Texas Instruments TL972IPE4 Datasheet HTML 6Page - Texas Instruments TL972IPE4 Datasheet HTML 7Page - Texas Instruments TL972IPE4 Datasheet HTML 8Page - Texas Instruments TL972IPE4 Datasheet HTML 9Page - Texas Instruments TL972IPE4 Datasheet HTML 10Page - Texas Instruments TL972IPE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0
2
4
6
8
10
12
14
16
18
20
2
4
6
8
10
12
14
Supply Voltage – V
CL = 30 pF
CL = 130 pF
CL = 250 pF
1 µs/div
0
10
20
30
40
50
60
70
80
90
100
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Output Current – mA
0
10
20
30
40
50
60
70
80
90
100
2
4
6
8
10
12
14
Supply Voltage – V
CL = 30 pF
CL = 130 pF
CL = 250 pF
TL971, TL972, TL974
www.ti.com
SLOS467G – OCTOBER 2006 – REVISED MAY 2012
TYPICAL CHARACTERISTICS (continued)
PHASE MARGIN
PHASE MARGIN
vs
vs
OUTPUT CURRENT
SUPPLY VOLTAGE
GAIN MARGIN
vs
SUPPLY VOLTAGE
INPUT RESPONSE
Copyright © 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TL971 TL972 TL974



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com