Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-53290P-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-53290P-C1-R0
Description  High Performance BGA Cooling Solutions with maxiGRIP™ Attachment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-53290P-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-53290P-C1-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
DIMENSION A
DIMENSION B
DIMENSION C
DIMENSION D
INTERFACE MATERIAL
FINISH
Notes:
Dimensions are measureD in millimeters
Dimensions a & B refer to component size
Dimension c = the height of the heat sink shown aBove anD Does not
incluDe the height of the attachment methoD
ats reserves the right to upDate or change it proDucts without
notice
contact ats to learn aBout custom options availaBle
1)
2)
3)
4)
5)
thermal Performance
For more information, to find a distributor or to place an order, visit www.qats.com or
call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
ATS PART # ATS-53290P-C1-R0
Features & Benefits
High Performance BGA Cooling
Solutions with maxiGRIP™ Attachment
REV1_0908
AIR VELOCITy
THERMAL RESISTANCE
ft/min
m/s
°c/w (unDucteD flow)
°c/w (DucteD flow)
200
1.0
300
1.5
400
2.0
500
2.5
600
3.0
700
3.5
800
4.0
5.0
3.9
3.4
3.1
2.8
2.6
2.5
3.2
29 mm
29 mm
17.5 mm
29 mm
Blue anoDizeD
chomerics t766
high aspect ratio, straight fin heat sinks that are ideal for compact pcB
environments
maxigrip™ attachment applies steady, even pressure to the
component and does not require holes in the pcB
Designed specifically for Bgas and other surface mount packages
meets telcordia gr-63-core office vibration, etsi 300 019
transportation vibration, and mil-stD-810 shock testing and
unpackaged Drop testing standards
comes preassembled with high performance, phase change, thermal
interface material
“keep-out” requirements: an “un-populated” boarder zone of 5
mm around the component is necessary to facilitate the installation/
removal of the maxigrip™. please refer to the maxigrip™ keep-
out guidelines and maxigrip™ installation/removal instructions for
further details
»
»
»
»
»
»
*Image above is for illustration purposes only.


Similar Part No. - ATS-53290P-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-53290B-C1-R0 ATS-ATS-53290B-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with maxiGRIP™ Attachment
REV1_0908
ATS-53290D-C1-R0 ATS-ATS-53290D-C1-R0 Datasheet
266Kb / 1P
BGA Heat Sink - High Performance
Rev - 040517
ATS-53290D-C2-R0 ATS-ATS-53290D-C2-R0 Datasheet
288Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-53290G-C1-R0 ATS-ATS-53290G-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with maxiGRIP™ Attachment
REV1_0908
ATS-53290K-C1-R0 ATS-ATS-53290K-C1-R0 Datasheet
266Kb / 1P
BGA Heat Sink - High Performance
Rev - 040517
More results

Similar Description - ATS-53290P-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-53190G-C1-R0 ATS-ATS-53190G-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with maxiGRIP™ Attachment
REV1_0908
ATS-53210P-C1-R0 ATS-ATS-53210P-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with maxiGRIP™ Attachment
REV1_0908
ATS-53230B-C1-R0 ATS-ATS-53230B-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with maxiGRIP™ Attachment
REV1_0908
ATS-53230G-C1-R0 ATS-ATS-53230G-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with maxiGRIP™ Attachment
REV1_0908
ATS-53250P-C1-R0 ATS-ATS-53250P-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with maxiGRIP™ Attachment
REV1_0908
ATS-53290B-C1-R0 ATS-ATS-53290B-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with maxiGRIP™ Attachment
REV1_0908
ATS-53300B-C1-R0 ATS-ATS-53300B-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with maxiGRIP™ Attachment
REV1_0908
ATS-53300G-C1-R0 ATS-ATS-53300G-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with maxiGRIP™ Attachment
REV1_0908
ATS-53310G-C1-R0 ATS-ATS-53310G-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with maxiGRIP™ Attachment
REV1_0908
ATS-53310P-C1-R0 ATS-ATS-53310P-C1-R0 Datasheet
2Mb / 1P
High Performance BGA Cooling Solutions with maxiGRIP™ Attachment
REV1_0908
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com