Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDC-R160-41P1-TG30 Datasheet(PDF) 3 Page - 3M Electronics

Part # HDC-R160-41P1-TG30
Description  HDC Socket .100” Vertical Mount, PCB/Backplane, Solder Tail or Press-Fit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

HDC-R160-41P1-TG30 Datasheet(HTML) 3 Page - 3M Electronics

  HDC-R160-41P1-TG30 Datasheet HTML 1Page - 3M Electronics HDC-R160-41P1-TG30 Datasheet HTML 2Page - 3M Electronics HDC-R160-41P1-TG30 Datasheet HTML 3Page - 3M Electronics HDC-R160-41P1-TG30 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ HDC Socket
.100” Vertical Mount, PCB/Backplane, Solder Tail or Press-Fit
HDC Series
TS-1138-E
Sheet 3 of 3
Ordering Information
HDC - RXXX - 41XX - XXXX
Termination Style / Lead length - Dim. F
P1 - Press-fit / 0.250″ (6.35)
P2 - Press-fit / 0.550″ (13.97)
S1 - Solder / 0.157″ (3.99)
Contact Quantity:
See Table
Plating Options: (See Plating Chart)
Product Table/Dimensions for 4-Row, Single Bay
Description
Contact
Quantity
A
BC
D
Description
Contact
Quantity
A
BC
D
HDC-R060-41XX-XXXX
60
2.250
1.950
1.400
1.524
HDC-R180-41XX-XXXX
180
5.250
4.950
4.400
4.524
]
1
9
.
4
1
1
[
]
6
7
.
1
1
1
[
]
3
7
.
5
2
1
[
]
5
3
.
3
3
1
[
]
1
7
.
8
3
[
]
6
5
.
5
3
[
]
3
5
.
9
4
[
]
5
1
.
7
5
[
HDC-R076-41XX-XXXX
76
2.650
2.350
1.800
1.924
HDC-R200-41XX-XXXX
200
5.750
5.450
4.900
5.024
]
1
6
.
7
2
1
[
]
6
4
.
4
2
1
[
]
3
4
.
8
3
1
[
]
5
0
.
6
4
1
[
]
7
8
.
8
4
[
]
2
7
.
5
4
[
]
9
6
.
9
5
[
]
1
3
.
7
6
[
HDC-R080-41XX-XXXX
80
2.750
2.450
1.900
2.024
HDC-R216-41XX-XXXX
216
6.150
5.850
5.300
5.424
]
7
7
.
7
3
1
[
]
2
6
.
4
3
1
[
]
9
5
.
8
4
1
[
]
1
2
.
6
5
1
[
]
1
4
.
1
5
[
]
6
2
.
8
4
[
]
3
2
.
2
6
[
]
5
8
.
9
6
[
HDC-R100-41XX-XXXX
100
3.250
2.950
2.400
2.524
HDC-R220-41XX-XXXX
220
6.250
5.950
5.400
5.524
]
1
3
.
0
4
1
[
]
6
1
.
7
3
1
[
]
3
1
.
1
5
1
[
]
5
7
.
8
5
1
[
]
1
1
.
4
6
[
]
6
9
.
0
6
[
]
3
9
.
4
7
[
]
5
5
.
2
8
[
HDC-R120-41XX-XXXX
120
3.750
3.450
2.900
3.024
HDC-R240-41XX-XXXX
240
6.750
6.450
5.900
6.024
]
1
0
.
3
5
1
[
]
6
8
.
9
4
1
[
]
3
8
.
3
6
1
[
]
5
4
.
1
7
1
[
]
1
8
.
6
7
[
]
6
6
.
3
7
[
]
3
6
.
7
8
[
]
5
2
.
5
9
[
HDC-R128-41XX-XXXX
128
3.950
3.650
3.100
3.224
HDC-R260-41XX-XXXX
260
7.250
6.950
6.400
6.524
]
1
7
.
5
6
1
[
]
6
5
.
2
6
1
[
]
3
5
.
6
7
1
[
]
5
1
.
4
8
1
[
]
9
8
.
1
8
[
]
4
7
.
8
7
[
]
1
7
.
2
9
[
]
3
3
.
0
0
1
[
HDC-R140-41XX-XXXX
140
4.250
3.950
3.400
3.524
HDC-R280-41XX-XXXX
280
7.750
7.450
6.900
7.024
]
1
4
.
8
7
1
[
]
6
2
.
5
7
1
[
]
3
2
.
9
8
1
[
]
5
8
.
6
9
1
[
]
1
5
.
9
8
[
]
6
3
.
6
8
[
]
3
3
.
0
0
1
[
]
5
9
.
7
0
1
[
HDC-R160-41XX-XXXX
160
4.750
4.450
3.900
4.024
HDC-R300-41XX-XXXX
300
8.250
7.950
7.400
7.524
]
1
1
.
1
9
1
[
]
6
9
.
7
8
1
[
]
3
9
.
1
0
2
[
]
5
5
.
9
0
2
[
]
1
2
.
2
0
1
[
]
6
0
.
9
9
[
]
3
0
.
3
1
1
[
]
5
6
.
0
2
1
[
HDC-R168-41XX-XXXX
168
4.950
4.650
4.100
4.224
HDC-R320-41XX-XXXX
320
8.750
8.450
7.900
8.024
]
1
8
.
3
0
2
[
]
6
6
.
0
0
2
[
]
3
6
.
4
1
2
[
]
5
2
.
2
2
2
[
]
9
2
.
7
0
1
[
]
4
1
.
4
0
1
[
]
1
1
.
8
1
1
[
]
3
7
.
5
2
1
[
Plating
Suffix
Press-Fit
Terminations
Solder Tail
Terminations
Plating Composition
KR
(RIA E1 & C1 apply)
(RIA E1 & C1 apply)
30 µ" [0.76 µm] Min. Au on Area 1
100 µ" [2.54 µm] Min. Whisker Mitigating
Matte Tin on Area 4
50 µ" [1.27 µm] Min. Ni all over
Plating
Suffix
Press-Fit
Terminations
Solder Tail
Terminations
Plating Composition
Plating Chart (S1 & P1 Termination Styles ONLY)
Plating Chart (P2 Termination Styles ONLY)
KV
(RIA E1 & C1 apply)
(RIA E1 & C apply)
30 µ" [0.76 µm] Min. Au on area 1
3 µ" [0.08 µm] Min. Au on area 2
3 µ" [0.08 µm] Min. Au on area 3
50 µ" [1.27 µm] Min. Ni all over



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com