Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP30C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TIP30C
Description  High Power Bipolar Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIP30C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TIP30C Datasheet HTML 1Page - List of Unclassifed Manufacturers TIP30C Datasheet HTML 2Page - List of Unclassifed Manufacturers TIP30C Datasheet HTML 3Page - List of Unclassifed Manufacturers TIP30C Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
High Power Bipolar Transistors
Tip Series
Page <4>
16/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Figure - 6 Active Region Safe Operating Area
V CE, Collector Emitter Voltage (V)
There are two limitations on the power handling ability of a
transistor: average junction temperature and second breakdown
safe operating area curves indicate IC - VCE limits of the
transistor that must be observed for reliable operation i.e., the
transistor must not be subjected to greater dissipation than the
curves indicate
The data of figure - 6 curve is based on TJ (PK) = 150°C; TC is
variable depending on power level. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ (PK) =150°C.
At high case temperatures, thermal limitation will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown
Specification Table
Type
Part Number
NPN
TIP29A
TIP29C
PNP
TIP30A
TIP30C
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com