Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6A05 Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # 6A05
Description  6.0 AMP SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

6A05 Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  6A05 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. 6A05 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
.1
1.0
10
100
RATING AND CHARACTERISTIC CURVES (6A05 THRU 6A10)
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80 100 120 140
FIG.5 - TYPICAL THERMAL RESISTANCE VS. LEAD LENGTH
25
20
15
10
5
0
.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
1
10
100
500
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.8
1.0 1.2 1.4 1.6 1.8 2.0
40
.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
6
5
4
3
2
1
Tj=100 C
EQUAL LEAD LENGTH TO HEAT SINK, INCHES
Tj=25 C
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
0
200
300
400
500
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
FIG.1-TYPICAL FORWARD
0
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE,( C)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
GAOMI XINGHE ELECTRONICSCO.,LTD. WWW.SDDZG.COM  TEL:0536-2210359  QQ:464768017
6.0 AMP SILICON RECTIFIERS
6A05
6A10
THRU
星合电子
XINGHE ELECTRONICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com