Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVA1908 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TVA1908
Description  Aluminum Capacitors 85 C, Miniature, Axial Lead
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TVA1908 Datasheet(HTML) 1 Page - Vishay Siliconix

  TVA1908 Datasheet HTML 1Page - Vishay Siliconix TVA1908 Datasheet HTML 2Page - Vishay Siliconix TVA1908 Datasheet HTML 3Page - Vishay Siliconix TVA1908 Datasheet HTML 4Page - Vishay Siliconix TVA1908 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TVA ATOM®
www.vishay.com
Vishay Sprague
Revision: 16-Apr-13
1
Document Number: 42038
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
+ 85 °C, Miniature, Axial Lead
FEATURES
• Low leakage current
• Long shelf life
• Ideal for application in TV sets, auto radios,
radio-phone combinations, electronic testing equipment
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
ORDERING EXAMPLE (1)
Order by Distribution part no. Example: TVA1318.7
Note
(1) For lead (Pb)-free/RoHS compliant products add the suffix “-E3”
to the part no. Example: TVA1318.7-E3
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
Ø D x L in mm
6.350 x 12.700
to 34.925 x 92.075
Operating temperature
6 WVDC to 100 WVDC
- 40 °C to + 85 °C
101 WVDC to 475 WVDC
- 20 °C to + 85 °C
500 WVDC and higher
20 °C to + 65 °C
Rated capacitance range, CR
1 μF to 15 000 μF
DIMENSIONS in inches [millimeters]
CASE
CODE
DL
CASE
CODE
DL
BA
0.250 [6.350]
0.500 [12.700]
FJ
0.625 [15.875]
1.625 [41.275]
BB
0.250 [6.350]
0.687 [17.450]
FK
0.485 [12.319]
1.750 [44.450]
CB
0.312 [7.925]
0.687 [17.450]
GE
0.750 [19.050]
1.125 [28.575]
CC
0.312 [7.925]
0.812 [20.625]
GG
0.750 [19.050]
1.375 [34.925]
DC
0.375 [9.525]
0.812 [20.625]
GH
0.625 [15.875]
1.500 [38.100]
DD
0.375 [9.525]
0.937 [23.800]
GL
0.750 [19.050]
2.125 [53.975]
DF
0.375 [9.525]
1.250 [31.750]
GK
0.625 [15.875]
1.750 [44.450]
DH
0.375 [9.525]
1.500 [38.100]
GJ
0.750 [19.050]
1.625 [41.275]
EE
0.500 [12.700]
1.125 [28.575]
HG
0.875 [22.225]
1.375 [34.925]
EF
0.438 [11.125]
1.250 [31.750]
HJ
0.875 [22.225]
1.625 [41.275]
EG
0.500 [12.700]
1.375 [34.925]
HK
0.875 [22.225]
1.875 [47.625]
EH
0.438 [11.125]
1.500 [38.100]
HL
0.875 [22.225]
2.125 [53.975]
EJ
0.500 [12.700]
1.625 [41.275]
JB
1.0 [25.4]
3.375 [85.725]
FG
0.625 [15.875]
1.375 [34.925]
JJ
1.0 [25.4]
1.625 [41.275]
FH
0.485 [12.319]
1.500 [38.100]
JK
1.0 [25.4]
1.875 [47.625]
JL
1.0 [25.4]
2.125 [53.975]
KP
1.125 [28.575]
2.625 [66.675]
JN
1.0 [25.4]
2.375 [60.325]
KS
1.125 [28.575]
3.125 [79.375]
JP
1.0 [25.4]
2.625 [66.675]
LP
1.250 [31.750]
2.625 [66.675]
JR
1.0 [25.4]
2.875 [73.025]
LS
1.250 [31.750]
3.125 [79.375]
JS
1.0 [25.4]
3.125 [79.375]
LT
1.250 [31.750]
3.625 [92.075]
JU
1.0 [25.4]
3.625 [92.075]
MD
1.375 [34.925]
4.125 [104.775]
JW
1.0 [25.4]
3.875 [98.425]
MN
1.375 [34.925]
2.375 [60.325]
KL
1.125 [28.575]
2.125 [53.975]
MS
1.375 [34.925]
3.125 [79.375]
KN
1.125 [28.575]
2.375 [60.325]
MT
1.375 [34.925]
3.625 [92.075]


Similar Part No. - TVA1908

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVA190RSA-L MACOM-TVA190RSA-L Datasheet
301Kb / 5P
SiBar Thyristor Surge Protectors
More results

Similar Description - TVA1908

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
630D VISHAY-630D_08 Datasheet
129Kb / 3P
Aluminum Capacitors 125 °C, Miniature, Axial Lead
22-Jul-08
53D VISHAY-53D_13 Datasheet
77Kb / 4P
Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
24-Apr-13
515D VISHAY-515D Datasheet
101Kb / 9P
Aluminum Capacitors 85 °C, Miniature, Radial Lead
07-Jan-13
516D VISHAY-516D Datasheet
89Kb / 7P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
12-Apr-12
630D VISHAY-630D_13 Datasheet
67Kb / 3P
Aluminum Capacitors 125 °C, Miniature, Axial Lead
24-Apr-13
TVAATOM VISHAY-TVAATOM Datasheet
73Kb / 5P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
16-Apr-13
TVATOM VISHAY-TVATOM_15 Datasheet
67Kb / 5P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
03-Mar-15
TVATOM VISHAY-TVATOM Datasheet
78Kb / 5P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
31-Jan-18
515D VISHAY-515D_V01 Datasheet
111Kb / 8P
Aluminum Capacitors 85 °C, Miniature, Radial Lead
11-Feb-2022
516D VISHAY-516D_V01 Datasheet
98Kb / 7P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
04-May-2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com