Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRM16 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PRM16
Description  16 mm Motorized Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PRM16 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PRM16 Datasheet HTML 1Page - Bourns Electronic Solutions PRM16 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PRM16 Series - 16 mm Motorized Potentiometer
How To Order
REV. 02/10
Tapers
P R M 1
6
2
-
K
415
K
-
1
03 B3
Code
2
Description
Dual Section
NUMBER OF SECTIONS
Code
4
Description
No Detents
DETENT OPTION
Code
PRM16
Description
16 mm Motorized Potentiometer
MODEL DESIGNATOR
Code
K
Description
PC Pins Vertical/Down Facing
TERMINAL CONFIG. (PIN LAYOUT)
Code
15
20
25
30
Description
15 mm
20 mm
25 mm
30 mm
STANDARD SHAFT LENGTH
Taper Series followed
by Curve Number
RESISTANCE TAPER
(SEE TAPER CHARTS)
Code
K
Description
Knurled (18 Tooth Serrated)
SHAFT STYLE
Code
102
202
502
103
203
503
104
204
504
105
Value in Ohms
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
RESISTANCE CODE
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
A Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(05A);A1
(10A);A2
(15A);A3
(20A);A4
(25A);A5
(30A);A6
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
B Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(5B);B5
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
C Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(05C);C1
(10
C);C2
(15C);C3
(20C);C4
(25
C);C5
(30C);C6
Applications
■ Guitar amplifiers
■ Mixing consoles
■ Amplifiers, CD players, karaoke volume controls
■ Servo tracks



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com