Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH90 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTH90
Description  PTH90 Series Dual Concentric Shaft Panel Control w/Rotary Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTH90 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTH90 Datasheet HTML 1Page - Bourns Electronic Solutions PTH90 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PTH90 Series Dual Concentric Shaft Panel Control w/Rotary Switch
Tapers
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
A Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(05A);A1
(10A);A2
(15A);A3
(20A);A4
(25A);A5
(30A);A6
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
B Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(5B);B5
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
C Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(05C);C1
(10
C);C2
(15C);C3
(20C);C4
(25
C);C5
(30C);C6
REV. 10/11
How To Order
PTH90 2 - 0 30 F - 103 B2
Model Number
Designator
PTH90 = Dual
Concentric Shaft Panel
Control w/Rotary Switch
Number of Sections
2 = Dual Gang
Center Detent
0 = No Detent
1 = Center Detent
Shaft Length (FMS)
*30 = 30 mm
35 = 35 mm
40 = 40 mm
Shaft Style
F = Flatted Metal
S = Slotted Metal
K = Knurled (18 tooth serrated)
Resistance Code
(See Standard Resistance Table)
Resistance Taper (See Taper Charts)
Taper Series followed by Curve Number
*Flatted and knurled shafts only.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
Schematic
Dual Gang
3
2
1
R1
3'
2'
1'
R2
Switch Circuit
12
Applications
■ Multimedia sound systems
■ Mixers / drums / DJ equipment
■ Automotive sound systems
■ Portable electronics
■ Portable appliances
DIMENSIONS:
MM
(INCHES)
M7 x
WASHER
NUT
2.0
(.079)
0.5
(.020)
DIA.
7.2
(.283)
DIA.
11.0
(.433)
DIA.
12.7
(.500)
0.75
(.030)
DIA.
12.0
(.472)
Hardware



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com