Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG82945GC Datasheet(PDF) 2 Page - Intel Corporation

Part # QG82945GC
Description  Intel짰 945G Express and Intel짰 945GC Express Chipsets for Embedded Computing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG82945GC Datasheet(HTML) 2 Page - Intel Corporation

  QG82945GC Datasheet HTML 1Page - Intel Corporation QG82945GC Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10.7 GB/s
8
GB/s
60
MB/s
500
MB/s
each x1
LPC or SPI
3
Gb/s
each
133
MB/s
8.5 GB/s
2 GB/s DMI
Optional
Intel® Pentium® 4 Processor with Hyper-Threading Technology or
Intel® Celeron® D Processor
Intel®
82945G
GMCH
4/6 PCI Express x1
Intel® GMA 950 Graphics
DDR2
DDR2
6 PCI
4 Serial ATA Ports
BIOS Support
PCI Express* x16 Graphics
Support for Media
Expansion Card
Intel® High Definition Audio
8 Hi-Speed USB 2.0 Ports
Intel® PRO/1000 LAN
Intel® Active Management
Technology
Intel®
ICH7/
ICH7R
ICH
Intel® Matrix Storage
Technology (ICH7R only)
∆
Intel® processor numbers are not a measure of performance. Processor numbers differentiate features within each processor series, not across different processor sequences.
See http://www.intel.com/products/processor_number for details.
1
Intel® Active Management Technology requires the computer system to have an Intel® AMT-enabled chipset, network hardware and software, as well as connection with a power source and a corporate network connection. Setup
requiresconfigurationbythepurchaserandmayrequirescriptingwiththemanagementconsoleorfurtherintegrationintoexistingsecurityframeworkstoenablecertainfunctionality.Itmayalsorequiremodificationsofimplementationof
new business processes. With regard to notebooks, Intel AMT may not be available or certain capabilities may be limited over a host OS-based VPN or when connecting wirelessly, on battery power, sleeping, hibernating or powered off.
For more information, see www.intel.com/technology/platform-technology/intel-amt.
2
Hyper-Threading Technology requires a computer system with an Intel processor supporting Hyper-Threading Technology and an HT Technology enabled chipset, BIOS and operating system. Performance will vary depending on the
specifichardwareandsoftwareyouuse.Seehttp://www.intel.com/info/hyperthreading/formoreinformationincludingdetailsonwhichprocessorssupportHTTechnology.
3
64-bit computing on Intel architecture requires a computer system with a processor, chipset, BIOS, operating system, device drivers and applications enabled for Intel® 64 architecture. Processors will not operate (including 32-bit opera-
tion)withoutanIntel64architecture-enabledBIOS.Performancewillvarydependingonyourhardwareandsoftwareconfigurations.Consultwithyoursystemvendorformoreinformation.
4
ValidforICH7Ronly.
INFORMATIONINTHISDOCUMENTISPROVIDEDINCONNECTIONWITHINTELPRODUCTS.NOLICENSE,EXPRESSORIMPLIED,BYESTOPPELOROTHERWISE,TOANYINTELLECTUALPROPERTYRIGHTSIS
GRANTEDBYTHISDOCUMENT.EXCEPTASPROVIDEDININTEL’STERMSANDCONDITIONSOFSALEFORSUCHPRODUCTS,INTELASSUMESNOLIABILITYWHATSOEVERANDINTELDISCLAIMSANYEXPRESS
ORIMPLIEDWARRANTY,RELATINGTOSALEAND/ORUSEOFINTELPRODUCTSINCLUDINGLIABILITYORWARRANTIESRELATINGTOFITNESSFORAPARTICULARPURPOSE,MERCHANTABILITY,ORINFRINGE-
MENTOFANYPATENT,COPYRIGHTOROTHERINTELLECTUALPROPERTYRIGHT.UNLESSOTHERWISEAGREEDINWRITINGBYINTEL,THEINTELPRODUCTSARENOTDESIGNEDNORINTENDEDFORANY
APPLICATIONINWHICHTHEFAILUREOFTHEINTELPRODUCTCOULDCREATEASITUATIONWHEREPERSONALINJURYORDEATHMAYOCCUR.
Intelmaymakechangestospecificationsandproductdescriptionsatanytime,withoutnotice.Designersmustnotrelyontheabsenceorcharacteristicsofanyfeaturesorinstructions
marked“reserved”or“undefined.”Intelreservestheseforfuturedefinitionandshallhavenoresponsibilitywhatsoeverforconflictsorincompatibilitiesarisingfromfuturechangestothem.
Theinformationhereissubjecttochangewithoutnotice.Donotfinalizeadesignwiththisinformation.Theproductsdescribedinthisdocumentmaycontaindesigndefectsorerrorsknown
aserratawhichmaycausetheproducttodeviatefrompublishedspecifications.Currentcharacterizederrataareavailableonrequest.ContactyourlocalIntelsalesofficeoryourdistributor
toobtainthelatestspecificationsandbeforeplacingyourproductorder.Copiesofdocumentswhichhaveanordernumberandarereferencedinthisdocument,orotherIntelliterature,
maybeobtainedbycalling1-800-548-4725,orbyvisitingwww.intel.com.
Copyright©2010IntelCorporation.Allrightsreserved.Intel,theIntellogo,Pentium,andCeleronaretrademarksofIntelCorporationintheU.S.andothercountries.
*Other names and brands may be claimed as the property of others.
PrintedinUSA
0110/KSC/OCG/XX/PDF
PleaseRecycle
308309-005US
Intel® 945G Express and Intel® 945GC Express Chipsets for Embedded Computing
Product
Product Code
Package
Features
Intel®82945GGraphics
and Memory Controller Hub
QG82945G
1202FCBGA
533/800/1066MHzsystembus;DDR2-533/667;Intel®GMA950graphics;
High-bandwidth DMI
Intel®82945GCGraphics
and Memory Controller Hub
QG82945GC
1202FCBGA
533/800MHzsystembus;DDR2-533/667;Intel®GMA950graphics;
High-bandwidth DMI
Intel® ICH7R or ICH7 I/O Controller Hub
NH82801GR
NH82801GB
652 PBGA
652 PBGA
Six PCI masters and four or six4 PCI Express* x1 channels; Serial and Parallel ATA
interfaces; USB 2.0, (eight ports); Intel® High Definition Audio or AC’97
Intel® PRO/1000 LAN (optional)
82573E
609 µBGA
196 TBGA; GbE (10/100/1000 Mbps) LAN connection;
Intel® Active Management Technology1
Intel in Embedded and Communications: intel.com/embedded
Product Highlights continued
•ICH7RsupportsuptosixPCIExpressportsconfigurable
as one single x4 and two x1 ports, or six x1 ports
•Uptofournext-generationSATAII,delivering3.0Gb/s
of bandwidth each
•IntelAMTenablesremote,down-the-wiremanagementof
out-of-bandnetworkedsystems,regardlessofsystemstate
•FlexiblewiredLANoptionswithorwithoutIntelAMT
•EightintegratedUSB2.0ports
•Intel®HighDefinitionAudiofeatureseightindependent
DMA audio engines or AC’97
•Intel®StableImagePlatformsupport
•Embeddedlifecyclesupport
•Alongwithastrongecosystemofhardwareandsoftware
vendors, including members of the Intel® Embedded and
Communications Alliance (intel.com/go/eca), Intel helps
cost-effectively meet development challenges and
speedtime-to-market



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com