Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82540EP Datasheet(PDF) 21 Page - Intel Corporation

Part # 82540EP
Description  82540EP Gigabit Ethernet Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82540EP Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82540EP Datasheet HTML 17Page - Intel Corporation 82540EP Datasheet HTML 18Page - Intel Corporation 82540EP Datasheet HTML 19Page - Intel Corporation 82540EP Datasheet HTML 20Page - Intel Corporation 82540EP Datasheet HTML 21Page - Intel Corporation 82540EP Datasheet HTML 22Page - Intel Corporation 82540EP Datasheet HTML 23Page - Intel Corporation 82540EP Datasheet HTML 24Page - Intel Corporation 82540EP Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Networking Silicon — 82540EP
15
4.0
Voltage, Temperature, and Timing Specifications
Note:
The specification values listed in this section are subject to change without notice. Verify with your
local Intel sales office that you have the latest information before finalizing a design.
4.1
Absolute Maximum Ratings
4.2
Recommended Operating Conditions
Table 1.
Absolute Maximum Ratingsa
Symbol
Parameter
Min
Max
Unit
VDD
DC supply voltage
-0.3
7
V
VIN
Input voltage
-1
VDD + 0.3
V
IIN
DC input pin current
-10
10
mA
TSTG
Storage
temperature
-40
125
C
a. Maximum ratings are referenced to ground (VSS). Permanent device damage is likely to occur if the ratings in this table are
exceeded. These values should not be used as the limits for normal device operations.
Table 2.
Recommended Operating Conditionsa (Sheet 1 of 2)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TOP
Operating
Temperature
-40
85
C
VIO
VIO Voltage
Range
35.25
V
VDD
Periphery
Voltage
Range
3.3 V
 10%
33.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com