Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 2 Page - Intel Corporation

Part # 82563EB
Description  Intel짰 82563EB/82564EB Gigabit Ethernet Controllers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 2 Page - Intel Corporation

  82563EB Datasheet HTML 1Page - Intel Corporation 82563EB Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
ii
Revision History
Date
Revision
Comments
Nov 2007
2.9
Updated Tables 19, 20, 23, and 24. Updated Figures 5
and 6.
Oct 2007
2.8
Updated Table 16 “Recommended Operating Conditions”.
April 2007
2.7
Updated Section 4.2, Table 16 “Core Digital Voltage
Range”.
Feb 2007
2.6
Updated Table 6.
May 2006
2.5
Initial public release.
April 2006
2.1
Removed “Preliminary” from section 4.9 “Power
Consumption”.
Updated 1.9V external power supply parameters in Tables
16 and 19.
Nov 2005
2.0
Initial release (Intel Confidential).
Aug 2005
1.75
Added lead-free information.
Added measured power consumption values.
Updated crystal specifications (drive level now 750
µW).
Changed 1.8V power rail references to 1.9V.
Dec 2004
1.0
Major revisions in all sections.
Sep 2004
0.70
Added power sequencing.
Jul 2004
0.51
Changed pin 51 (page13) from AVDD (1.8V) to AVDDR
(3.3V).
May 2004
0.5
Initial release (Intel Secret).
Legal Notice
INFORMATION IN THIS DOCUMENT IS PROVIDED IN CONNECTION WITH INTEL® PRODUCTS. NO LICENSE, EXPRESS OR IMPLIED, BY
ESTOPPEL OR OTHERWISE, TO ANY INTELLECTUAL PROPERTY RIGHTS IS GRANTED BY THIS DOCUMENT. EXCEPT AS PROVIDED IN
INTEL'S TERMS AND CONDITIONS OF SALE FOR SUCH PRODUCTS, INTEL ASSUMES NO LIABILITY WHATSOEVER, AND INTEL DISCLAIMS
ANY EXPRESS OR IMPLIED WARRANTY, RELATING TO SALE AND/OR USE OF INTEL PRODUCTS INCLUDING LIABILITY OR WARRANTIES
RELATING TO FITNESS FOR A PARTICULAR PURPOSE, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER
INTELLECTUAL PROPERTY RIGHT.
Intel products are not intended for use in medical, life saving, life sustaining, critical control or safety systems, or in nuclear facility applications.
Intel may make changes to specifications and product descriptions at any time, without notice.
This document contains information on products in the design phase of development. The information here is subject to change without notice. Do not
finalize a design with this information.
Designers must not rely on the absence or characteristics of any features or instructions marked "reserved" or "undefined." Intel reserves these for
future definition and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to them.
The 82563EB/82564EB Gigabit Platform LAN Connects discussed in this document may contain design defects or errors known as errata which may
cause the product to deviate from published specifications. Current characterized errata are available on request.
Contact your local Intel sales office or your distributor to obtain the latest specifications and before placing your product order.
Copies of documents which have an ordering number and are referenced in this document, or other Intel literature, may be obtained from:
Intel Corporation
P.O. Box 5937
Denver, CO 80217-9808
or call in North America 1-800-548-4725, Europe 44-0-1793-431-155, France 44-0-1793-421-777, Germany 44-0-1793-421-333, other Countries 708-
296-9333.
Intel® is a trademark or registered trademark of Intel Corporation or its subsidiaries in the United States and other countries.
*Other names and brands may be claimed as the property of others.
Copyright © Intel Corporation, 2007



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com