Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-EXL6-254-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-EXL6-254-R0
Description  ATS Extrusion Profiles
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-EXL6-254-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-EXL6-254-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For more information, to find a distributor or to place an order, visit www.Qats.com or
call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
ATS PART # ATS-EXL6-254-R0
Features & Benefits
ATS Extrusion Profiles
*Image above is for illustration purposes only.
See chart below for actual data.
NoTES:
Thermal curve based on 76 mm length.
Thermal performance data are provided for reference only. Actual
performance may vary by application.
ATS reserves the right to update or change its products without notice to
improve the design or performance.
Contact ATS to learn about custom options available.
1)
2)
3)
4)
254 mm
100.76 mm
27 mm
2 mm
4 mm
NONE
Thermal Performance
HEAT SINK THERMAL RESISTANCE
Aluminum extrusions are the most cost-
effective solution for the majority of
electronic cooling applications
This extrusion profile has 40 fins
Extrusion type is straight fin
Surface area (in2/in) is 98.00
»
»
»
»
Product Details
100.76
(3.94)
27
(1.06)
4
(0.16)
2
(0.08)
LENGTH
WIDTH
HEIGHT
FIN SPACING
BASE THICKNESS
FINISH


Similar Part No. - ATS-EXL6-254-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-EXL6-140-R0 ATS-ATS-EXL6-140-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
More results

Similar Description - ATS-EXL6-254-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS406100020-EXL-2 ATS-ATS406100020-EXL-2 Datasheet
2Mb / 1P
ATS Extrusion Profiles
ATS406101014-EXL-7-R1 ATS-ATS406101014-EXL-7-R1 Datasheet
2Mb / 1P
ATS Extrusion Profiles
ATS-EXL1-254-R0 ATS-ATS-EXL1-254-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
ATS-EXL14-300-R0 ATS-ATS-EXL14-300-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
ATS-EXL15-300-R0 ATS-ATS-EXL15-300-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
REV1_0908
ATS-EXL17-300-R0 ATS-ATS-EXL17-300-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
REV1_0908
ATS-EXL20-150-R0 ATS-ATS-EXL20-150-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
ATS-EXL21-300-R0 ATS-ATS-EXL21-300-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
ATS-EXL24-300-R0 ATS-ATS-EXL24-300-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
ATS-EXL28-150-R0 ATS-ATS-EXL28-150-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com