Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D33217GKE Datasheet(PDF) 2 Page - Intel Corporation

Part # D33217GKE
Description  Intel짰 Desktop Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D33217GKE Datasheet(HTML) 2 Page - Intel Corporation

  D33217GKE Datasheet HTML 1Page - Intel Corporation D33217GKE Datasheet HTML 2Page - Intel Corporation D33217GKE Datasheet HTML 3Page - Intel Corporation D33217GKE Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4” (10 cm)
Intel® Core™ i3-3217U Processor
Intel® QS77 Express Chipset
2
Next Unit of Computing by Intel®
with Intel® Desktop Board D33217GKE
Think you know what small can do? Think again.
No more compromising between performance, profile, and price. The Next Unit of Computing
(NUC) is a tiny 4”×4”×2” computing device with the power of the 3rd generation Intel® Core™
i3 processor. Its lower power consumption enables innovative system designs and energy-
efficient applications in places like digital signage, home entertainment, and portable uses.
Superior processing and graphics
Visibly smart graphics using the 3rd generation Intel® Core™ i3-3217U processor deliver amaz-
ing performance and visually stunning graphics.
Stunningly small form factor
The 4”×4”×2” form factor unlocks a world of potential design applications, from digital signage
and kiosks to portable innovations.
Advanced Technologies
The NUC features two SO-DIMM sockets for expandability upto 16 GB of memory, two PCIe*
mini-card connectors for flexible support of wireless and SSD configurations, BIOS vault tech-
nology, fast boot and the Intel® Visual BIOS. The NUC also supports Intel® Anti-Theft™ Technol-
ogy providing hardware intelligence designed to protect your device and its data if its lost
or stolen.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com