Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP100 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100
Description  Digital Temperature Sensor with I2C Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP100 Datasheet(HTML) 2 Page - Texas Instruments

  TMP100 Datasheet HTML 1Page - Texas Instruments TMP100 Datasheet HTML 2Page - Texas Instruments TMP100 Datasheet HTML 3Page - Texas Instruments TMP100 Datasheet HTML 4Page - Texas Instruments TMP100 Datasheet HTML 5Page - Texas Instruments TMP100 Datasheet HTML 6Page - Texas Instruments TMP100 Datasheet HTML 7Page - Texas Instruments TMP100 Datasheet HTML 8Page - Texas Instruments TMP100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TMP100
TMP101
SBOS231G − JANUARY 2002 − REVISED NOVEMBER 2007
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply, V+
7.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage(2)
−0.5V to 7.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−55
°C to +125°C
. . . . . . . . . . . . . . .
Storage Temperature Range
−60
°C to +150°C
. . . . . . . . . . . . . . . . .
Junction Temperature (TJ max)
+150
°C
. . . . . . . . . . . . . . . . . . . . . .
ESD Rating, Human Body Model
2000V
. . . . . . . . . . . . . . . . . . . . .
Machine Model
200V
. . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) Input voltage rating applies to all TMP100 and TMP101 input
voltages.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
TMP100
SOT23-6
DBV
T100
TMP100
SOT23-6
DBV
T100
TMP101
SOT23-6
DBV
T101
TMP101
SOT23-6
DBV
T101
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
PIN CONFIGURATION
Top View
SOT23
Top View
SOT23
SCL
GND
ADD1
SDA
ADD0
V+
1
2
3
6
5
4
TMP100
SCL
GND
ALERT
SDA
ADD0
V+
1
2
3
6
5
4
TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com