Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54331DDA Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331DDA
Description  3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54331DDA Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS54331DDA Datasheet HTML 17Page - Texas Instruments TPS54331DDA Datasheet HTML 18Page - Texas Instruments TPS54331DDA Datasheet HTML 19Page - Texas Instruments TPS54331DDA Datasheet HTML 20Page - Texas Instruments TPS54331DDA Datasheet HTML 21Page - Texas Instruments TPS54331DDA Datasheet HTML 22Page - Texas Instruments TPS54331DDA Datasheet HTML 23Page - Texas Instruments TPS54331DDA Datasheet HTML 24Page - Texas Instruments TPS54331DDA Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
V
IN
V
OUT
t-Time-5ms/div
ENA
V
OUT
t-Time-5ms/div
TPS54331
www.ti.com
SLVS839D
– JULY 2008 – REVISED JANUARY 2012
Figure 25. TPS54331 Start Up
Figure 26. TPS54331 Start-up Relative to Enable
SPACER
REVISION HISTORY
Changes from Original (July 2008) to Revision A
Page
•
Changed the Elect Char - Shutdown supply current test condition From: -40
°C to 25°C To: From: -40°C to 85°C and
the MAX value from 10
µA to 4µA ......................................................................................................................................... 3
Changes from Revision A (August 2008) to Revision B
Page
•
Added 25
°C to the Switching frequency test condition in the Elect Char table. ................................................................... 3
•
Changed the Switching frequency Max value From: 740kHz To: 684kHz, and the Min value From: 400kHz To:
456kHz .................................................................................................................................................................................. 3
•
Added 25
°C to the Minimum controllable on time test condition in the Elec Char table. ..................................................... 3
•
Changed the Minimum controllable on time TYP value From: 110ns To: 105ns, and the Max value From: 160ns to
130ns .................................................................................................................................................................................... 3
•
Changed Rsense = 1
Ω/11 To: 1Ω/12 in Equation 18 legend ............................................................................................. 15
•
Changed equation From: (VINmax - IOmin x Rin) To: (VINmax - IOmin x RDS(on) min) .................................................................... 17
Changes from Revision B (October 2008) to Revision C
Page
•
Added a new table to the Description - For additional design needs ................................................................................... 2
•
Changed the ABSOLUTE MAXIMUM RATINGS table, Input Voltage - EN pin max value From: 5V to 6V ........................ 2
Changes from Revision C (March 2010) to Revision D
Page
•
Added TPS54331DDA option to the Ordering Information table .......................................................................................... 2
•
Added the DDA Package to the Pin Assignments ................................................................................................................ 4
•
Changed Figure 10 ............................................................................................................................................................... 7
•
Added Figure 13 ................................................................................................................................................................... 7
Copyright
© 2008–2012, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com