Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFD10C40 Datasheet(PDF) 2 Page - First Components International

Part # UFD10C40
Description  16.0AMP SUPER FASTER RECOVERY RECTIFIERS High Reliability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

UFD10C40 Datasheet(HTML) 2 Page - First Components International

  UFD10C40 Datasheet HTML 1Page - First Components International UFD10C40 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25
50
75
0
100
125
150
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3ms single half-sine-wave
JEDEC method
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Total Capacitance per Element
T = 25
°C
j
0.01
0.1
1.0
10
100
0
40
80
120
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 100°C
C
T = 75°C
C
T = 25°C
C
0
4
8
12
16
20
100
125
150
175
T , CASE TEMPERATURE (
°C)
C
Fig. 1 Forward Current Derating Curve
Resistive or
inductive load
0.1
1.0
10
100
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics per Element
RECOVERY RECTIFIERS
16.0AMP SUPER FASTER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com