Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSP080CLL Datasheet(PDF) 3 Page - First Components International

Part # TSP080CLL
Description  LOW CAPACITANCE THYRISTOR SERIES CAPACITANCE THYRISTOR SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TSP080CLL Datasheet(HTML) 3 Page - First Components International

  TSP080CLL Datasheet HTML 1Page - First Components International TSP080CLL Datasheet HTML 2Page - First Components International TSP080CLL Datasheet HTML 3Page - First Components International TSP080CLL Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VDRM
Vs
IHO
Is
IT
Ipp
Cj @ 2V
CODE
V
V
mA
mA
A
A
pF
TSP110AL
90
130
100
T110AL
TSP130AL
120
160
80
T130AL
TSP150AL
140
180
70
T150AL
TSP180AL
160
220
70
T180AL
TSP230AL
190
260
50
T230AL
TSP260AL
220
300
50
T260AL
TSP310AL
275
350
40
T310AL
TSP350AL
300
400
40
T350AL
TSP400AL
360
450
40
T400AL
TSP110BL
90
130
130
T110BL
TSP130BL
120
160
120
T130BL
TSP150BL
140
180
120
T150BL
TSP180BL
160
220
100
T180BL
TSP230BL
190
260
80
T230BL
TSP260BL
220
300
80
T260BL
TSP310BL
275
350
60
T310BL
TSP350BL
300
400
60
T350BL
TSP400BL
360
450
60
T400BL
TSP110CL
90
130
150
T110CL
TSP130CL
120
160
140
T130CL
TSP150CL
140
180
140
T150CL
TSP180CL
160
220
125
T180CL
TSP230CL
190
260
100
T230CL
TSP260CL
220
300
100
T260CL
TSP310CL
275
350
80
T310CL
TSP350CL
300
400
80
T350CL
TSP400CL
360
450
80
T400CL
TSP110A
90
130
100
GF
TSP130A
120
160
80
GG
TSP150A
140
180
70
GH
TSP180A
160
220
70
GI
TSP230A
190
260
50
GJ
TSP260A
220
300
50
GK
TSP310A
275
350
40
GL
TSP350A
300
400
40
GM
TSP400A
360
450
40
GO
TSP110B
90
130
130
GS
TSP130B
120
160
120
GT
TSP150B
140
180
120
GU
TSP180B
160
220
100
GV
TSP230B
190
260
80
GW
TSP260B
220
300
80
GX
TSP310B
275
350
60
GY
TSP350B
300
400
60
GZ
TSP400B
360
450
60
GN
TSP110C
90
130
150
HF
TSP130C
120
160
140
HG
TSP150C
140
180
140
HH
TSP180C
160
220
125
HI
TSP230C
190
260
100
HJ
TSP260C
220
300
100
HK
TSP310C
275
350
80
HL
TSP350C
300
400
80
HM
TSP400C
360
450
80
HS
Max On-state Current @ Vdrm: 5uA
Max Off-state Current @ It: 5V
SMB
150
800
1
100
SMB
150
800
1
75
DO-15
150
800
1
50
SMB
150
800
1
100
DO-15
150
800
1
75
DO-15
150
800
1
50
Thyristor Diodes
FCI
Part #
Package



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com