Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSP110CLL Datasheet(PDF) 2 Page - First Components International

Part # TSP110CLL
Description  LOW CAPACITANCE THYRISTOR SERIES CAPACITANCE THYRISTOR SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TSP110CLL Datasheet(HTML) 2 Page - First Components International

  TSP110CLL Datasheet HTML 1Page - First Components International TSP110CLL Datasheet HTML 2Page - First Components International TSP110CLL Datasheet HTML 3Page - First Components International TSP110CLL Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VDRM
Vs
IHO
Is
IT
Ipp
Cj @ 2V
CODE
V
V
mA
mA
A
A
pF
TSP064ALL
58
77
60
T064ALL
TSP072ALL
65
88
60
T072ALL
TSP080ALL
75
98
60
T080ALL
TSP110ALL
90
130
60
T110ALL
TSP130ALL
120
160
40
T130ALL
TSP150ALL
140
180
40
T150ALL
TSP180ALL
160
220
40
T180ALL
TSP230ALL
190
260
30
T230ALL
TSP260ALL
220
300
30
T260ALL
TSP310ALL
275
350
30
T310ALL
TSP064BLL
58
77
60
T064BLL
TSP072BLL
65
88
60
T072BLL
TSP080BLL
75
98
60
T080BLL
TSP110BLL
90
130
60
T110BLL
TSP130BLL
120
160
60
T130BLL
TSP150BLL
140
180
40
T150BLL
TSP180BLL
160
220
40
T180BLL
TSP230BLL
190
260
30
T230BLL
TSP260BLL
220
300
30
T260BLL
TSP310BLL
275
350
30
T310BLL
TSP064CLL
58
77
90
T064CLL
TSP072CLL
65
88
90
T072CLL
TSP080CLL
75
98
90
T080CLL
TSP110CLL
90
130
90
T110CLL
TSP130CLL
120
160
70
T130CLL
TSP150CLL
140
180
70
T150CLL
TSP180CLL
160
220
70
T180CLL
TSP230CLL
190
260
60
T230CLL
TSP260CLL
220
300
60
T260CLL
TSP310CLL
275
350
60
T310CLL
TSP064AL
58
77
60
GCL
TSP072AL
65
88
60
GDL
TSP080AL
75
98
60
GEL
TSP110AL
90
130
60
GFL
TSP130AL
120
160
40
GGL
TSP150AL
140
180
40
GHL
TSP180AL
160
220
40
GIL
TSP230AL
190
260
30
GJL
TSP260AL
220
300
30
GKL
TSP310AL
275
350
30
GLL
TSP064BL
58
77
60
GPL
TSP072BL
65
88
60
GQL
TSP080BL
75
98
60
GRL
TSP110BL
90
130
60
GSL
TSP130BL
120
160
60
GTL
TSP150BL
140
180
40
GUL
TSP180BL
160
220
40
GVL
TSP230BL
190
260
30
GWL
TSP260BL
220
300
30
GXL
TSP310BL
275
350
30
GYL
TSP064CL
58
77
90
HCL
TSP072CL
65
88
90
HDL
TSP080CL
75
98
90
HEL
TSP110CL
90
130
90
HFL
TSP130CL
120
160
70
HGL
TSP150CL
140
180
70
HHL
TSP180CL
160
220
70
HIL
TSP230CL
190
260
60
HJL
TSP260CL
220
300
60
HKL
TSP310CL
275
350
60
HLL
Max On-state Current @ Vdrm: 5uA
Max Off-state Current @ It: 5V
SMB
150
800
1
100
SMB
150
800
1
75
SMB
150
800
1
50
DO-15
150
800
1
100
DO-15
150
800
1
75
Thyristor Diodes
FCI
Part #
Package
150
800
1
50
DO-15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com