Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSP180CLL Datasheet(PDF) 4 Page - First Components International

Part # TSP180CLL
Description  LOW CAPACITANCE THYRISTOR SERIES CAPACITANCE THYRISTOR SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TSP180CLL Datasheet(HTML) 4 Page - First Components International

  TSP180CLL Datasheet HTML 1Page - First Components International TSP180CLL Datasheet HTML 2Page - First Components International TSP180CLL Datasheet HTML 3Page - First Components International TSP180CLL Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
25
50
75
100
125
0
500
1000
1500
2000
2500
3000
Fig.1 Pulse Wave Form Example
t - Time-µs
Test
Waveform
Example
tf 10 µs
td = 1000 µs
Peak Value
Half Value: IPP / 2 = td
tf
e
-t
1
10
100
1
10
100
1000
Fig.6 On-State Current Vs Surge Current Duration
Surge Current Duration - Full Cycles
Supply Frequency: 60Hz Sinusoidal
Load: Resistive
Rms On-State Current(IT(RMS)): Maximum
Rated Value at Specified Case Temperature
IPP
ITSM
IT
IS
IH
IRM
VT
VRM
VS
Fig.7 V - I Characteristics Curve
-40
0
40
80
120
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
Fig.5 Typical normalized
VS Vs Junction Temperature
tJ - Temperature - °C
-40
0
40
80
120
0
0.05
1
1.5
2
2.5
Fig.4 Typical Holding Current Vs
Junction Temperature
tJ - Temperature - °C
1
10
100
01
2
4
5
6
3
7
Fig.3 Typical On-State Current
Vs On-State Voltage
VT - On - State Voltage - V
0.01
0.1
1
10
-40
0
40
80
120
tJ - Temperature - °C
Fig.2 Typical Peak Off-State Current
Vs Junction Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com