Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC259D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC259D
Description  8-bit addressable latch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC259D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC259D Datasheet HTML 9Page - NXP Semiconductors 74HC259D Datasheet HTML 10Page - NXP Semiconductors 74HC259D Datasheet HTML 11Page - NXP Semiconductors 74HC259D Datasheet HTML 12Page - NXP Semiconductors 74HC259D Datasheet HTML 13Page - NXP Semiconductors 74HC259D Datasheet HTML 14Page - NXP Semiconductors 74HC259D Datasheet HTML 15Page - NXP Semiconductors 74HC259D Datasheet HTML 16Page - NXP Semiconductors 74HC259D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
74HC_HCT259
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 7 August 2012
13 of 22
NXP Semiconductors
74HC259; 74HCT259
8-bit addressable latch
Test data is given in Table 10.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch
Fig 12. Load circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 10.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
74HC259
VCC
6ns
15pF, 50 pF
1k
open
74HCT259
3V
6ns
15pF, 50 pF
1k
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com