Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC210KSIT Datasheet(PDF) 12 Page - SEC Electronics Inc.

Part # SC210KSIT
Description  120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SC210KSIT Datasheet(HTML) 12 Page - SEC Electronics Inc.

Back Button SC210KSIT Datasheet HTML 5Page - SEC Electronics Inc. SC210KSIT Datasheet HTML 6Page - SEC Electronics Inc. SC210KSIT Datasheet HTML 7Page - SEC Electronics Inc. SC210KSIT Datasheet HTML 8Page - SEC Electronics Inc. SC210KSIT Datasheet HTML 9Page - SEC Electronics Inc. SC210KSIT Datasheet HTML 10Page - SEC Electronics Inc. SC210KSIT Datasheet HTML 11Page - SEC Electronics Inc. SC210KSIT Datasheet HTML 12Page - SEC Electronics Inc. SC210KSIT Datasheet HTML 13Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
SC210KSIT
120 kHz Bandwidth, High Voltage Isolation
Current Sensor with Integrated Overcurrent Detection
12/13
starts discharging.
2.
When the FAULT pin voltage reaches approximately 2 V, the fault is latched, and an internal
NMOS device pulls the FAULT pin voltage to approximately 0 V. The rate at which the
FAULT pin slews downward (see [4] in the figure) is dependent on the external capacitor, COC,
on the FAULT pin.
3.
When the FAULT_EN pin is brought low, the FAULT pin starts resetting if no OC fault
condition exists, and if FAULT_EN is low for a time period greater than tOCH. The internal
NMOS pull-down turns off and an internal PMOS pullup turns on (see [7] if the OC fault
condition still exists).
4.
The slope, and thus the delay to latch the fault is controlled by the capacitor, COC, placed on the
FAULT pin to ground. During this portion of the fault (when the FAULT pin is between VCC and
2 V), there is a 3 mA constant current sink, which discharges COC. The length of the fault delay, t
is equal to:
mA
V
V
C
t
CC
OC
3
)
2
(
×
=
where VCC is the device power supply voltage in volts, t is in seconds and COC is in Farads. This
formula is valid for RPU
equal to or greater than 330 kΩ. For lower-value resistors, the current
flowing through the RPU resistor during a fault event, IPU , will be larger. Therefore, the current
discharging the capacitor would be 3 mA – IPU and equation 1 may not be valid.
5.
The FAULT pin did not reach the 2 V latch point before the OC fault condition cleared. Because
of this, the fixed 3 mA current sink turns off, and the internal PMOS pull-up turns on to recharge
COC through the FAULT pin.
6.
This curve shows VCC charging external capacitor COC through the internal PMOS pull-up. The
slope is determined by COC.
7.
When the FAULT_EN pin is brought low, if the fault condition still exists, the latched FAULT
pin will be pulled low by the internal 3mA current source. When fault condition is removed then
the Fault pin charges as shown in step 6.
8.
At this point there is a fault condition, and the part is enabled before the FAULT pin can charge to
VCC. This shortens the user-set delay, so the fault is latched earlier. The new delay time can be
calculated by equation 1, after substituting the voltage seen on the FAULT pin for VCC.
2
2
2
Vcc
2V
0V
Fault_En
Input
OC Fault Condition
(Active High)
1
4
8
6
1
4
5
6
1
4
7
6
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com