Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-193K Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-193K
Description  Dual Channel Line Receiver Hermetically Sealed Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-193K Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-193K Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-193K Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-193K Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-193K Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-193K Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-193K Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-193K Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-193K Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-193K Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
All devices are manufactured and tested on a MIL-
PRF-38534 certified line and are included in the DLA
Qualified Manufacturers List QML-38534 for Hybrid
Microcircuits.
Each unit contains two independent channels, consisting
of a GaAsP light emitting diode, an input current regulator,
and an integrated high gain photon detector. The input
regulator serves as a line termination for line receiver
applications. It clamps the line voltage and regulates the
LED current so line reflections do not interfere with circuit
performance. The regulator allows a typical LED current of
12.5 mA before it starts to shunt excess current.The output
of the detector IC is an open collector Schottky clamped
transistor. An enable input gates the detector. The internal
detector shield provides a guaranteed common mode
transient immunity specification of +1000V/
µsec.
DC specifications are compatible with TTL logic and are
guaranteed from -55° C to +125° C allowing trouble-free
interfacing with digital logic circuits. An input current of
10 mA will sink a six gate fan-out (TTL) at the output with
a typical propagation delay from input to output of only
45 nsec.
Selection Guide–Lead Configuration Options
Avago Part # and Options
Commercial
HCPL-1930
MIL-PRF-38534 Class H
HCPL-1931
MIL-PRF-38534 Class K
HCPL-193K
Standard Lead Finish
Gold
Solder Dipped*
Option #200
Butt Joint/Gold Plate
Option #100
Gull Wing/Soldered*
Option #300
Crew Cut/Gold Plate
Option #600
Class H SMD Part #
Prescript for all below
5962-
Gold Plate
8957201EC
Solder Dipped*
8957201EA
Butt Joint/Gold Plate
8957201YC
Butt Joint/Soldered*
8957201YA
Gull Wing/Soldered*
8957201XA
Crew Cut/Gold Plate
Available
Crew Cut/Soldered*
Available
Class K SMD Part #
Prescript for all below
5962-
Gold Plate
8957202KEC
Solder Dipped*
8957202KEA
Butt Joint/Gold Plate
8957202KYC
Butt Joint/Soldered*
8957202KYA
Gull Wing/Soldered*
8957202KXA
*Solder contains lead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com