Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5731 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-5731
Description  Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5731 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-5731 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-5731 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-5731 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5731 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5731 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5731 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5731 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5731 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5731 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Selection Guide-Package Styles and Lead Configuration Options
Package
16 pin DIP
8 pin DIP
8 pin DIP
16 pin Flat Pack
20 Pad LCCC
Lead Style
Through Hole
Through Hole
Through Hole
Unformed Leads
Surface Mount
Channels
4
1
2
4
2
Common Channel Wiring
VCC, GND
None
VCC, GND
VCC, GND
None
Avago Part # & Options
Commercial
6N140A[1]
HCPL-5700
HCPL-5730
HCPL-6750
HCPL-6730
MIL-PRF-38534 Class H
6N140A/883B
HCPL-5701
HCPL-5731
HCPL-6751
HCPL-6731
MIL-PRF-38534 Class K
HCPL-177K
HCPL-570K
HCPL-573K
HCPL-675K
HCPL-673K
Standard Lead Finish
Gold Plate
Gold Plate
Gold Plate
Gold Plate
Solder Pads*
Solder Dipped*
Option #200
Option #200
Option #200
Butt Cut/Gold Plate
Option #100
Option #100
Option #100
Gull Wing/Soldered*
Option #300
Option #300
Option #300
Crew Cut/Gold Plate
Option #600
Option #600
Option #600
Class H SMD Part #
Prescript for all below
None
5962-
5962-
None
5962-
Gold Plate
8302401EC
8981001PC
8978501PC
8302401FC
Solder Dipped*
8302401EA
8981001PA
8978501PA
89785022A
Butt Cut/Gold Plate
8302401YC
8981001YC
8978501YC
Butt Cut/Soldered*
8302401YA
8981001YA
8978501YA
Gull Wing/Soldered*
8302401XA
8981001XA
8978501ZA
Crew Cut/Gold Plate
8302401ZC
Available
Available
Crew Cut/Soldered*
8302401ZA
Available
Available
Class K SMD Part #
Prescript for all below
5962-
5962-
5962-
5962-
5962-
Gold Plate
9800201KEC
8981002KPC
8978503KPC
9800201KFC
Solder Dipped*
9800201KEA
8981002KPA
8978503KPA
8978504K2A
Butt Cut/Gold Plate
9800201KYC
8981002KYC
8978503KYC
Butt Cut/Soldered*
9800201KYA
8981002KYA
8978503KYA
Gull Wing/Soldered*
9800201KXA
8981002KXA
8978503KZA
Crew Cut/Gold Plate
9800201KZC
Available
Available
Crew Cut/Soldered*
9800201KZA
Available
Available
*Solder contains lead.
Note:
1. JEDEC registered part.
Functional Diagram
Multiple Channel Devices Available
Upon special request, the following device selections can
be made: CTR minimum of up to 600% at 0.5 mA, and
lower output leakage current levels to 100
A.
Package styles for these parts are 8 and 16 pin DIP through
hole (case outlines P and E respectively), 16 pin DIP flat
pack (case outline F), and leadless ceramic chip carrier
(case outline 2). Devices may be purchased with a variety
of lead bend and plating options. See Selection Guide
table for details. Standard Military Drawing (SMD) parts
are available for each package and lead style.
Because the same electrical die (emitters and detectors)
are used for each channel of each device listed in this data
sheet, absolute maximum ratings, recommended operating
conditions, electrical specifications, and performance char-
acteristics shown in the figures are similar for all parts
except as noted. Additionally, the same package assembly
processes and materials are used in all devices. These simi-
larities justify the use of a common data base for die related
reliability and certain limited radiation test results.
Truth Table
(Positive Logic)
Input
Output
On (H)
L
Off (L)
H
7
5
6
8
2
3
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com