Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-6630 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-6630
Description  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-6630 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-6630 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Each channel contains a GaAsP light emitting diode
which is optically coupled to an integrated high speed
photon detector. The output of the detector is an open
collector Schottky clamped transistor. Internal shields
provide a guaranteed common mode transient immuni-
ty specification of 1000 V/μs. For Isolation Voltage appli-
cations requiring up to 2500 Vdc, the HCPL-5650 family is
also available. Package styles for these parts are 8 and 16
pin DIP through hole (case outlines P and E respectively),
and 16 pin surface mount DIP flat pack (case outline F),
leadless ceramic chip carrier (case outline 2). Devices
may be purchased with a variety of lead bend and plat-
ing options. See Selection Guide Table for details. Stan-
dard Microcircuit Drawing (SMD) parts are available for
each package and lead style.
Because the same electrical die (emitters and detectors)
are used for each channel of each device listed in this
data sheet, absolute maximum ratings, recommended
operating conditions, electrical specifications, and per-
formance characteristics shown in the figures are iden-
tical for all parts. Occasional exceptions exist due to
package variations and limitations, and are as noted.
Additionally, the same package assembly processes and
materials are used in all devices. These similarities give
justification for the use of data obtained from one part
to represent other parts’ performance for reliability and
certain limited radiation test results.
Selection Guide–Package Styles and Lead Configuration Options
Package
16 Pin DIP
8 Pin DIP
8 Pin DIP
8 Pin DIP
16 Pin Flat Pack
20 Pad LCCC
Lead Style
Through Hole
Through Hole
Through Hole
Through Hole
Unformed Leads
Surface Mount
Channels
2
1
2
2
4
2
Common Channel Wiring
V
CC
, GND
None
V
CC
, GND
V
CC
, GND
V
CC
, GND
None
Withstand Test Voltage
1500 Vdc
1500 Vdc
1500 Vdc
2500 Vdc
1500 Vdc
1500 Vdc
Avago Part # & Options
Commercial
6N134[1]
HCPL-5600
HCPL-5630
HCPL-5650
HCPL-6650
HCPL-6630
MIL-PRF-38534, Class H
6N134/883B
HCPL-5601
HCPL-5631
HCPL-5651
HCPL-6651
HCPL-6631
MIL-PRF-38534, Class K
HCPL-268K
HCPL-560K
HCPL-563K
HCPL-665K
HCPL-663K
Standard Lead Finish
Gold Plate
Gold Plate
Gold Plate
Gold Plate
Gold Plate
Solder Pads*
Solder Dipped*
Option #200
Option #200
Option #200
Option #200
Butt Cut/Gold Plate
Option #100
Option #100
Option #100
Gull Wing/Soldered*
Option #300
Option #300
Option #300
Class H SMD Part #
Prescript for all below
None
5962-
None
None
None
None
Gold Plate
8102801EC
9085501HPC
8102802PC
8102805PC
8102804FC
Solder Dipped*
8102801EA
9085501HPA
8102802PA
8102805PA
81028032A
Butt Cut/Gold Plate
8102801UC
9085501HYC
8102802YC
Butt Cut/Soldered*
8102801UA
9085501HYA
8102802YA
Gull Wing/Soldered*
8102801TA
9085501HXA
8102802ZA
Class K SMD Part #
Prescript for all below
5962-
5962-
5962-
5962-
5962-
Gold Plate
9800101KEC
9085501KPC
9800102KPC
9800104KFC
Solder Dipped*
9800101KEA
9085501KPA
9800102KPA
9800103K2A
Butt Cut/Gold Plate
9800101KUC
9085501KYC
9800102KYC
Butt Cut/Soldered*
9800101KUA
9085501KYA
9800102KYA
Gull Wing/Soldered*
9800101KTA
9085501KXA
9800102KZA
*Solder contains lead.
Note:
1. JEDEC registered part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com