Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRM2512-FX-R330ELF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CRM2512-FX-R330ELF
Description  Thick fi lm technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRM2512-FX-R330ELF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CRM2512-FX-R330ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRM2512-FX-R330ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRM2512-FX-R330ELF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
■ Thick film technology
■ Power rating of 2 watts at 70 °C
■ RoHS compliant*
Applications
■ Power supplies
■ Stepper motor drives
CRM2512 - Pulse Resistant Power Resistor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
General Information
The Bourns® CRM2512 Series is a
thick- film power resistor with a rating of
2 watts in a standard 2512 chip format.
This product has a very wide resistance
range making it suitable for different
applications in power supply circuits
including current sensing and inrush
current limiting.
DIMENSIONS:
MM
(INCHES)
Electrical Characteristics
Product Dimensions
Derating Curve
Characteristic Data
Test
ΔR Max.
Load Life (1000 hours)
1 % Tolerance
< 1 %
5 % Tolerance
< 3 %
Short Term Overload
1 % Tolerance
< 1 %
5 % Tolerance
< 2 %
Thermal Shock
1 % Tolerance
< 0.5 %
5 % Tolerance
< 1 %
6.3 ± 0.20
(0.248 ± 0.008)
TOP SIDE
3.1 ± 0.20
(0.122 ± 0.008)
0.6 ± 0.20
(0.024 ± 0.008)
0.6 ± 0.20
(0.024 ± 0.008)
1.8 ± 0.20
(0.070 ± 0.008)
Ambient Temperature (°C)
70
155
100
-55
Recommended Solder Pad Layout
Soldering Profile
50
100
150
200
250
90 ± 30 seconds
Pre-heating Zone
150 °C
230 °C or higher
Peak 260 +5/-0 °C
180 °C
30 ± 10 seconds
Heating Time
Soldering Zone
For Standard Values Used in Capacitors, Inductors, and Resistors, click here.
Notes:
(1) CRM2512 2 W loading with total solder pad and trace size of 300 mm2.
(2) E = (PxR)1/2
E: Working Voltage (V); P: Rated Power (W); R: Resistance Value (
Ω)
(3) Jumper (0
Ω): Rated current 6 A maximum with 300 mm2 pad.
Characteristic
Model
CRM2512
(0.110 to 0.91
Ω)
Model
CRM2512
(0
Ω, 1.0 Ω to 1.0 MΩ)
Power Rating @ 70 °C
2 W
Operating Temp. Range
-55 °C to +155 °C
Derated to Zero Load at
+155 °C
Maximum Working Voltage
1349 mV
300 V
Maximum Overload Voltage
2698 mV
600 V
Insulation Resistance
> 1000 M
Ω
Resistance Range
0.110 - 0.91
Ω
(E24 Values)
0
Ω,
1.0 - 1 M
Ω
(E24 Values)
1
Ω - 9.1 Ω
(E24 Values)
10
Ω - 1 MΩ
(E96 Values)
Resistance Tolerance
±1 % & ±5 %
±5 %
±1 %
Temperature Coefficient
±100 PPM/°C
±200 PPM/°C
±100 PPM/°C
7.6
(.299)
3.7
(.146)
2.45
(.096)


Similar Part No. - CRM2512-FX-R330ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRM2512-FX-R100ELF BOURNS-CRM2512-FX-R100ELF Datasheet
294Kb / 3P
CRM2512 - Pulse Resistant Power Resistor
CRM2512-FX-R100ELF BOURNS-CRM2512-FX-R100ELF Datasheet
294Kb / 3P
CRM2512 - Pulse Resistant Power Resistor
CRM2512-FX-R100ELF BOURNS-CRM2512-FX-R100ELF Datasheet
294Kb / 3P
Pulse Resistant Power Resistor
CRM2512-FX-R100ELF BOURNS-CRM2512-FX-R100ELF Datasheet
340Kb / 3P
CRM2512 - High Power Current Sense Chip Resistors
REV. 05/15
More results

Similar Description - CRM2512-FX-R330ELF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTO50 VISHAY-RTO50 Datasheet
121Kb / 4P
Power Resistor, Thick Film Technology
14-Jan-05
LTO50 VISHAY-LTO50 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
logo
Cree, Inc
LMH020-0850-40G9-00000TW CREE-LMH020-0850-40G9-00000TW Datasheet
851Kb / 3P
Cree® LMH2 850-lm and 1250-lm LED Modules with TrueWhite® Technology
Rev 3
logo
Vishay Siliconix
LTO100 VISHAY-LTO100 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO050F1R000JTE3 VISHAY-LTO050F1R000JTE3 Datasheet
109Kb / 4P
Power Resistor Thick Film Technology
16-Oct-08
LTO100 VISHAY-LTO100_15 Datasheet
103Kb / 5P
Power Resistor Thick Film Technology
08-Dec-14
logo
TT Electronics.
LRZ TTELEC-LRZ Datasheet
474Kb / 3P
thick film copper technology
RGT TTELEC-RGT Datasheet
244Kb / 3P
Stable thick-film technology
logo
Vishay Siliconix
LTO-50 VISHAY-LTO-50 Datasheet
102Kb / 5P
Power Resistor Thick Film Technology
09-Dec-15
LTO100 VISHAY-LTO100_V01 Datasheet
107Kb / 6P
Power Resistor Thick Film Technology
08-Dec-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com