Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM186STM Datasheet(PDF) 2 Page - International Rectifier

Part # OM186STM
Description  Adjustable Low Dropout Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM186STM Datasheet(HTML) 2 Page - International Rectifier

  OM186STM Datasheet HTML 1Page - International Rectifier OM186STM Datasheet HTML 2Page - International Rectifier OM186STM Datasheet HTML 3Page - International Rectifier OM186STM Datasheet HTML 4Page - International Rectifier OM186STM Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.irf.com
OM186ST
1. Load and line regulation are measured at a constant junction temperature by low duty cycle pulse testing.
2. Line and load regulation are guaranteed up to the maximum power dissipation. Power dissipation is determined by
the input/output differential voltage and output current. Guaranteed maximum power dissipation will not be available
over the full input/output voltage range.
3. I FULL LOAD curve is defined as the minimum value of current limit as a function of input to output voltage.
Note that power dissipation is only achievable over a limited range of input to output voltage.
4. Dropout voltage is specified over the full output current range of the device.
Notes
Electrical Characteristics ÃTJ = 25°C (Unless Otherwise Specified)
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IOUT = 10mA, (VIN - VOUT) = 3.0V
1.238
1.250
1.262
10mA
≤ IOUT ≤ IFULL LOAD, 1.5V ≤ (VIN - VOUT) ≤ 25V e
1.220
1.250
1.270
ILOAD = 10mA, 1.5V d (VIN - VOUT) dÃ15V
-0.015
0.2
cd
-0.035
0.2
(VIN - VOUT) = 3.0V, 10mA dÃIOUTÃdÃIFULL LOAD
-0.5
0.8
cde
-0.8
1.0
Dropout Voltage
UVREF = 1%, IOUT = IFULL LOAD f
-1.3
1.5
V
(VIN - VOUT) = 5.0V
1.5
-
-
(VIN - VOUT) = 25V
0.075
-
-
Minimum Load Current (VIN - VOUT) = 25V
-
5.0
10
mA
Thermal Regulation
30ms Pulse Width (Guaranteed by design)
-
0.010
0.05
%/W
f = 120Hz, CAdj = 25€F Tantalum
IOUT - IFULL LOAD (VIN - VOUT) = 3.0V
Adjust Pin Current
-
55
120
10mA
≤ IOUT ≤ IFULL LOAD
1.5V
≤ (VIN - VOUT) ≤ 25V
Temperature Stability
-55°C
≤ TJ ≤ +125°C
-0.5
-
Long Term Stability
TJ = 125°C, t = 1000hrs
-
0.3
1.0
Adjust Pin Current
Change
%
V
Reference Voltage
%
Load Regulation
Line Regulation
Current Limit
A
Ripple Rejection
60
75
-
dB
µA
-0.2
5.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com