Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C344-15PC/PI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C344-15PC/PI
Description  32-Macrocell MAX짰 EPLD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C344-15PC/PI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C344-15PC/PI Datasheet HTML 1Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 2Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 3Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 4Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 5Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 6Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 7Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 8Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY7C344
USE ULTRA37000TM FOR
ALL NEW DESIGNS
Document #: 38-03006 Rev. *B
Page 4 of 15
External Synchronous Switching Characteristics Over Operating Range [7]
Parameter
Description
7C344-15
7C344-20
7C344-25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tPD1
Dedicated Input to Combinatorial Output Delay[8] Com’l/Ind
15
20
25
ns
Mil
15
20
25
tPD2
I/O Input to Combinatorial Output Delay[9]
Com’l/Ind
15
20
25
ns
Mil
15
20
25
tPD3
Dedicated Input to Combinatorial Output Delay
with Expander Delay[10]
Com’l/Ind
30
30
40
ns
Mil
30
30
40
tPD4
I/O Input to Combinatorial Output Delay with
Expander Delay[4, 11]
Com’l/Ind
30
30
40
ns
Mil
30
30
40
tEA
Input to Output Enable Delay[4]
Com’l/Ind
20
20
25
ns
Mil
20
20
25
tER
Input to Output Disable Delay[4]
Com’l/Ind
20
20
25
ns
Mil
20
20
25
tCO1
Synchronous Clock Input to Output Delay
Com’l/Ind
10
12
15
ns
Mil
10
12
15
tCO2
Synchronous Clock to Local Feedback to
Combinatorial Output[4, 12]
Com’l/Ind
20
22
29
ns
Mil
20
22
29
tS
Dedicated Input or Feedback Set-Up Time to
Synchronous Clock Input
Com’l/Ind
10
12
15
ns
Mil
10
12
15
tH
Input Hold Time from Synchronous Clock Input[7] Com’l/Ind
0
0
0
ns
Mil
0
0
0
tWH
Synchronous Clock Input HIGH Time[4]
Com’l/Ind
6
7
8
ns
Mil
6
7
8
tWL
Synchronous Clock Input LOW Time[4]
Com’l/Ind
6
7
8
ns
Mil
6
7
8
tRW
Asynchronous Clear Width[4]
Com’l/Ind
20
20
25
ns
Mil
20
20
25
tRR
Asynchronous Clear Recovery Time[4]
Com’l/Ind
20
20
25
ns
Mil
20
20
25
tRO
Asynchronous Clear to Registered Output
Delay[4]
Com’l/Ind
15
20
25
ns
Mil
15
20
25
tPW
Asynchronous Preset Width[4]
Com’l /Ind
20
20
25
ns
Mil
20
20
25
tPR
Asynchronous Preset Recovery Time[4]
Com’l /Ind
20
20
25
ns
Mil
20
20
25
Notes:
8. This parameter is the delay from an input signal applied to a dedicated input pin to a combinatorial output on any output pin. This delay assumes no expander
terms are used to form the logic function.
9. This parameter is the delay associated with an input signal applied to an I/O macrocell pin to any output. This delay assumes no expander terms are used to
form the logic function.
10. This parameter is the delay associated with an input signal applied to a dedicated input pin to combinatorial output on any output pin. This delay assumes
expander terms are used to form the logic function and includes the worst-case expander logic delay for one pass through the expander logic. This parameter
is tested periodically by sampling production material.
11. This parameter is the delay associated with an input signal applied to an I/O macrocell pin to any output pin. This delay assumes expander terms are used to
form the logic function and includes the worst-case expander logic delay for one pass through the expander logic. This parameter is tested periodically by
sampling production material.
12. This specification is a measure of the delay from synchronous register clock input to internal feedback of the register output signal to a combinatorial output for
which the registered output signal is used as an input. This parameter assumes no expanders are used in the logic of the combinatorial output and the register
is synchronously clocked. This parameter is tested periodically by sampling production material.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com