Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C344-15WC/WI Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C344-15WC/WI
Description  32-Macrocell MAX짰 EPLD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C344-15WC/WI Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C344-15WC/WI Datasheet HTML 7Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 8Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 9Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 10Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 11Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 12Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 13Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 14Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CY7C344
USE ULTRA37000TM FOR
ALL NEW DESIGNS
Document #: 38-03006 Rev. *B
Page 13 of 15
Package Diagrams (continued)
28-Lead Plastic Leaded Chip Carrier J64
51-85001-*A
DIMENSIONS IN INCHES [MM] MIN.
MAX.
SEATING PLANE
0.260[6.60]
0.295[7.49]
0.090[2.28]
0.110[2.79]
0.055[1.39]
0.065[1.65]
0.015[0.38]
0.020[0.50]
0.015[0.38]
0.060[1.52]
0.120[3.05]
0.140[3.55]
0.009[0.23]
0.012[0.30]
0.310[7.87]
0.385[9.78]
0.290[7.36]
0.325[8.25]
0.030[0.76]
0.080[2.03]
0.115[2.92]
0.160[4.06]
0.140[3.55]
0.190[4.82]
1.345[34.16]
1.385[35.18]
3° MIN.
1
14
15
28
REFERENCE JEDEC MO-095
LEAD END OPTION
SEE LEAD END OPTION
SEE LEAD END OPTION
(LEAD #1, 14, 15 & 28)
PACKAGE WEIGHT: 2.15 gms
28-Lead (300-Mil) PDIP P21
51-85014-*D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com