Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8CLEDAC02 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY8CLEDAC02
Description  AC-DC Controller for Dimmable LED Lighting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLEDAC02 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY8CLEDAC02 Datasheet HTML 9Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 10Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 11Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 12Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 13Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 14Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 15Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 16Page - Cypress Semiconductor CY8CLEDAC02 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
CY8CLEDAC02
Document Number: 001-54879 Rev. *C
Page 13 of 20
Electrical Characteristics
Notes
2. Adjust VCC above startup threshold before setting at 12 V.
3. These parameters are not 100 percent tested, guaranteed by design and characterization.
4. Operating frequency varies based on line and load conditions.
VCC=12 V; –40 C  TA  85 C unless otherwise specified
[2]
Symbol
Description
Min
Typ
Max
Units
Notes
VIN Section (pin 3)
VIN
Input voltage range
0
–
1.8
V
During normal operation (after startup)
IINST
Startup current
–
10
15
AVIN = 10 V, CVCC = 10F
ZVIN
Input impedance
–
2.5
–
k
During normal operation (after startup)
VSENSE Section (pin 2)
IBVS
Input leakage current
–
–
1
AVSENSE = 2 V
VSENSENOM
Nominal voltage threshold
1.523
1.538
1.553
V
TA = 25 C, Negative edge
VSENSEMAX
Output OVP threshold
1.683
1.700
1.717
V
TA = 25 C, Negative edge
OUTPUT Section (pin 7)
RDS(ON)LO
Output low level ON-Resistance
–
30
–
ISINK = 5 mA
RDS(ON)HI
Output high level ON-Resistance
–
60
–
ISOURCE = 5 mA
tR[3]
Rise time (10 percent to 90 percent)
–
50
–
ns
TA = 25 C, CL = 330pF
tF[3]
Fall time (90 percent to 10 percent)
–
30
–
ns
TA = 25 C, CL = 330pF
fSWMAX[4]
Maximum switching frequency
–
200
–
kHz
VCC Section (pin 8)
VCCMAX
Maximum operating voltage
–
–
16
V
VCCST
Startup threshold
11
12
13
V
VCC Rising
VCCUVL
Undervoltage lockout threshold
7.0
7.5
8.0
V
VCC Falling
ICC
Operating current
–
3.9
4.5
mA
CL = 330pF, VSENSE = 1.5 V
VCC-CLAMP
Zener diode clamp voltage
–
19
–
V
Test current of 10 mA
ISENSE Section (pin 6)
VOCP
Overcurrent threshold limit
–
1.9
–
V
VRSNS
ISENSE short protection reference
–
0.16
–
V
VREGTH
CC regulation threshold limit
–
1.8
–
V
VT Section (pin 4)
VSDTH
Shutdown threshold
–
0.09
–
V
IBVSD
Input leakage current
–
–
1.0
AVSD = 1.0V
ISD
Pull-up current source
95
100
105
A
BOOST Section (pin 1)
RDS(ON)LO-TR Output low level ON-Resistance
–
100
–
ISINK = 5 mA
RDS(ON)HI-TR Output high level ON-Resistance
–
200
–
ISOURCE = 5 mA
tR-BST[3]
Rise time
–
60
–
ns
tF-BST[3]
Fall time
–
60
–
ns
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com