Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN1102MFVTPL3 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN1102MFVTPL3
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1102MFVTPL3 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN1102MFVTPL3 Datasheet HTML 1Page - Toshiba Semiconductor RN1102MFVTPL3 Datasheet HTML 2Page - Toshiba Semiconductor RN1102MFVTPL3 Datasheet HTML 3Page - Toshiba Semiconductor RN1102MFVTPL3 Datasheet HTML 4Page - Toshiba Semiconductor RN1102MFVTPL3 Datasheet HTML 5Page - Toshiba Semiconductor RN1102MFVTPL3 Datasheet HTML 6Page - Toshiba Semiconductor RN1102MFVTPL3 Datasheet HTML 7Page - Toshiba Semiconductor RN1102MFVTPL3 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RN1101MFV
∼RN1106MFV
2010-03-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1101MFV,RN1102MFV,RN1103MFV
RN1104MFV,RN1105MFV,RN1106MFV
Switching, Inverter Circuit, Interface Circuit and
Driver Circuit Applications
Ultra-small package, suited to very high density mounting
Incorporating a bias resistor into the transistor reduces the number of parts,
so enabling the manufacture of ever more compact equipment and
lowering assembly cost.
A wide range of resistor values is available for use in various circuits.
Complementary to the RN2101MFV to RN2106MFV
Equivalent Circuit and Bias Resistor Values
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
RN1101MFV to 1106MFV
VCEO
50
V
RN1101MFV to 1104MFV
10
Emitter-base voltage
RN1105MFV, 1106MFV
VEBO
5
V
Collector current
IC
100
mA
Collector power dissipation
PC(Note 1)
150
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN1101MFV to 1106MFV
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant
change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the
operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1
: Mounted on an FR4 board (25.4 mm
× 25.4 mm × 1.6 mm)
JEDEC
―
JEITA
―
TOSHIBA
2-1L1A
Weight: 1.5 mg (typ.)
Unit: mm
Type No.
R1 (kΩ)
R2 (kΩ)
RN1101MFV
4.7
4.7
RN1102MFV
10
10
RN1103MFV
22
22
RN1104MFV
47
47
RN1105MFV
2.2
47
RN1106MFV
4.7
47
1
2
3
0.80 ± 0.05
1.2 ± 0.05
1
VESM
1. BASE
2. EMITTER
3. COLLECTOR
0.5
0.45
0.4
0.4
1.15
0.45
0.4
Pad Dimension(Reference)
unit:mm


Similar Part No. - RN1102MFVTPL3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1102MFV TOSHIBA-RN1102MFV Datasheet
205Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN1102MFVTPL3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1970HFE TOSHIBA-RN1970HFE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4985FE TOSHIBA-RN4985FE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com